Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C3V6LT1 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # BZX84C3V6LT1
Description  SEMICONDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

BZX84C3V6LT1 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  BZX84C3V6LT1 Datasheet HTML 1Page - E-Tech Electronics LTD BZX84C3V6LT1 Datasheet HTML 2Page - E-Tech Electronics LTD BZX84C3V6LT1 Datasheet HTML 3Page - E-Tech Electronics LTD BZX84C3V6LT1 Datasheet HTML 4Page - E-Tech Electronics LTD BZX84C3V6LT1 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
J2–2/5
BZX84C2V4LT1
Z11
2.4
2.2 2.6
100
50
1
1.7
2.1
600
2.6
3.2
50
-3.5 0
450
BZX84C2V7LT1
Z12
2.7
2.5 2.9
100
20
1
1.9
2.4
600
3
3.6
50
-3.5 0
450
BZX84C3V0LT1
Z13
3
2.8
3.2
95
10
1
2.1
2.7
600
3.3
3.9
50
-3.5 0
450
BZX84C3V3LT1
Z14
3.3
3.1
3.5
95
5
1
2.3
2.9
600
3.6
4.2
40
-3.5 0
450
BZX84C3V6LT1
Z15
3.6
3.4
3.8
90
5
1
2.7
3.3
600
3.9
4.5
40
-3.5 0
450
BZX84C3V9LT1
Z16
3.9
3.7
4.1
90
3
1
2.9
3.5
600
4.1
4.7
30
-3.5 -2.5 450
BZX84C4V3LT1
W9
4.3
4
4.6
90
3
1
3.3
4
600
4.4
5.1
30
- 3.5 0
450
BZX84C4V7LT1
Z1
4.7
4.4
5
80
3
2
3.7
4.7
500
4.5
5.4
15
-3.5 0.2 260
BZX84C5V1LT1
Z2
5.1
4.8
5.4
60
2
2
4.2
5.3
480
5
5.9
15
-2.7 1.2 225
BZX84C5V6LT1
Z3
5.6
5.2
6
40
1
2
4.8
6
400
5.2
6.3
10
-2.0 2.5 200
BZX84C6V2LT1
Z4
6.2
5.8
6.6
10
3
4
5.6
6.6
150
5.8
6.8
6
0.4 3.7 185
BZX84C6V8LT1
Z5
6.8
6.4
7.2
15
2
4
6.3
7.2
80
6.4
7.4
6
1.2 4.5 155
BZX84C7V5LT1
Z6
7.5
7
7.9
15
1
5
6.9
7.9
80
7
8
6
2.5 5.3 140
BZX84C8V2LT1
Z7
8.2
7.7
8.7
15
0.7
5
7.6
8.7
80
7.7
8.8
6
3.2 6.2 135
BZX84C9V1LT1
Z8
9.1
8.5
9.6
15
0.5
6
8.4
9.6
100
8.5
9.7
8
3.8 7.0 130
BZX84C10LT1
Z9
10
9.4 10.6
20
0.2
7
9.3 10.6
150
9.4 10.7
10
4.5 8.0 130
BZX84C11LT1
Y1
11
10.4 11.6
20
0.1
8
10.2
11.6
150
10.4 11.8
10
5.4 9.0 130
BZX84C12LT1
Y2
12
11.4 12.7
25
0.1
8
11.2 12.7
150
11.4 12.9
10
6.0 10.0 130
BZX84C13LT1
Y3
13
12.4 14.1
30
0.1
8
12.3 14
170
12.5 14.2
15
7.0 11.0 120
BZX84C15LT1
Y4
15
13.8 15.6
30
0.05 10.5 13.7 15.5
200
13.9 15.7
20
9.2 13.0 110
BZX84C16LT1
Y5
16
15.3 17.1
40
0.05 11.2 15.2 17
200
15.4 17.2
20
10.4 14.0 105
BZX84C18LT1
Y6
18
16.8 19.1
45
0.05 12.6 16.7 19
225
16.9 19.2
20
12.4 16.0 100
BZX84C20LT1
Y7
20
18.8 21.2
55
0.05 14
18.7 21.1
225
18.9 21.4
20
14.4 18.0
85
BZX84C22LT1
Y8
22
20.8 23.3
55
0.05 15.4 20.7 23.2
250
20.9 23.4
25
16.4 20.0
85
BZX84C24LT1
Y9
24
22.8 25.6
70
0.05 16.8 22.7 25.5
250
22.9 25.7
25
18.4 22.0
80
BZX84C27LT1
Y10
27
25.1 28.9
80
0.05 18.9 25
28.9
300
25.2 29.3
45
21.4 25.3
70
BZX84C30LT1
Y11
30
28
32
80
0.05 21
27.8 32
300
28.1 32.4
50
24.4 29.4
70
BZX84C33LT1
Y12
33
31
35
80
0.05 23.1 30.8 35
325
31.1 35.4
55
27.4 33.4
70
BZX84C36LT1
Y13
36
34
38
90
0.05 25.2 33.8 38
350
34.1 38.4
60
30.4 37.4
70
BZX84C39LT1
Y14
39
37
41
130
0.05 27.3 36.7 41
350
37.1 41.5
70
33.4 41.2
45
BZX84C43LT1
Y15
43
40
46
150
0.05 30.1 39.7 46
375
40.1 46.5
80
37.6 46.6
40
BZX84C47LT1
Y16
47
44
50
170
0.05 32.9 43.7 50
375
44.1 50.5
90
42.0 51.8
40
BZX84C51LT1
Y17
51
48
54
180
0.05 35.7 47.6 54
400
48.1 54.6
100
46.6 57.2
40
BZX84C56LT1
Y18
56
52
60
200
0.05 39.2 51.5 60
425
52.1 60.8
110
52.2 63.8
40
BZX84C62LT1
Y19
62
58
66
215
0.05 43.4 57.4 66
450
58.2 67
120
58.8 71.6
35
BZX84C68LT1
Y20
68
64
72
240
0.05 47.6 63.4 72
475
64.2 73.2
130
65.6 79.8
35
BZX84C75LT1
Y21
75
70
79
255
0.05 52.5 69.4 79
500
70.3 80.2
140
73.4 88.6
35
NOTES: 1. Zener voltage is measured with a pulse test current (I
Z ) applied at an ambient temperature of 25°C.
NOTES: 2. The zener impedance, Z ZT2 , for the 27 through 75 volt types is tested at 0.5 mA rather than the test
current of 0.1 mA used for V Z2 .
Zener Voltage
Vz1(Volts)
@IZT1=5mA
(Note 1)
Max
Zener
Imped-
ance
Z
ZT1
(Ohms)
@I
ZT1=5mA
Max
Reverse
Leakage
Current
Zener Voltage
V
Z2 (Volts)
@I
ZT2 =1mA
(Note1)
Max
Zener
Impedance
Z
ZT2
(Ohms)
@I
ZT2=5mA
Zener
Voltage
Vz1(Volts)
@IZT1=5mA
(Note 1)
Max
Zener
Imped-
ance
Z
ZT3
(Ohms)
@I
ZT3=20mA
d
VZ /dt
(mv/k)
@iZT1=5mA
CpF
Max
@VR=0
f=1MHz
Nom
Min Max
I
R
V
R
µµµµµA
@
Volts
Min
Max
Max
Max
Min
Min
Marking
Type
Number
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-NC, 3-Cathode) (V F =0.9V Max @ I F =10 mA for all types)
GENERAL DATA — 225mW SOT-23


Similar Part No. - BZX84C3V6LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C3V6LT1 LRC-BZX84C3V6LT1 Datasheet
171Kb / 5P
   SEMICONDUCTOR(TECHNICAL DATA)
logo
ON Semiconductor
BZX84C3V6LT1 ONSEMI-BZX84C3V6LT1 Datasheet
80Kb / 8P
   Zener Voltage Regulators
December, 2004 ??Rev. 8
logo
Motorola, Inc
BZX84C3V6LT1 MOTOROLA-BZX84C3V6LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
ON Semiconductor
BZX84C3V6LT1 ONSEMI-BZX84C3V6LT1 Datasheet
79Kb / 7P
   Zener Voltage Regulators
October, 2005 ??Rev. 11
BZX84C3V6LT1G ONSEMI-BZX84C3V6LT1G Datasheet
80Kb / 8P
   Zener Voltage Regulators
December, 2004 ??Rev. 8
More results

Similar Description - BZX84C3V6LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com