Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFDOM40C-032S2 Datasheet(PDF) 10 Page - Hanbit Electronics Co.,Ltd

Part # HFDOM40C-032S2
Description  40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HFDOM40C-032S2 Datasheet(HTML) 10 Page - Hanbit Electronics Co.,Ltd

Back Button HFDOM40C-032S2 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S2 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S2 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S2 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S2 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S2 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S2 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S2 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S2 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HANBit
HFDOM40C-xxxSx
URL : www.hbe.co.kr
10 / 10
HANBit Electronics Co., Ltd
.
REV 1.0 (March.2003)
A0-A10
-CE
-IOWR
-IOIS16
Din
Figure 3.2 IDE Mode I/O Write Timing Example
Ordering Infomation
NO
Parts
Size
Capacity
Media transfer
mode
Chip Number
Operation
Mode
1
HFDOM40C-016S1
55.5x30.5x1.4mm
16Mbyte
BYTE
1
True IDE
2
HFDOM40C-032S1
55.5x30.5x1.4mm
BYTE
1
True IDE
3
HFDOM40C-032S2
55.5x30.5x1.4mm
32Mbyte
BYTE
2
True IDE
4
HFDOM40C-064S1
55.5x30.5x1.4mm
BYTE
1
True IDE
5
HFDOM40C-064S2
55.5x30.5x1.4mm
64Mbyte
BYTE
2
True IDE
6
HFDOM40C-128S1
55.5x30.5x1.4mm
BYTE
1
True IDE
7
HFDOM40C-128S2
55.5x30.5x1.4mm
128Mbyte
BYTE
2
True IDE
8
HFDOM40C-192S3
55.5x30.5x1.4mm
192Mbyte
BYTE
3
True IDE
9
HFDOM40C-256S2
55.5x30.5x1.4mm
256Mbyte
BYTE
2
True IDE
10
HFDOM40C-384S3
55.5x30.5x1.4mm
384Mbyte
BYTE
3
True IDE
11
HFDOM40C-512S4
55.5x30.5x1.4mm
512Mbyte
BYTE
4
True IDE


Similar Part No. - HFDOM40C-032S2

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40B-016S1 HANBIT-HFDOM40B-016S1 Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-016SX HANBIT-HFDOM40B-016SX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-032S1 HANBIT-HFDOM40B-032S1 Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-032S2 HANBIT-HFDOM40B-032S2 Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-032SX HANBIT-HFDOM40B-032SX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results

Similar Description - HFDOM40C-032S2

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40MRXXX HANBIT-HFDOM40MRXXX Datasheet
117Kb / 16P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KRXXX HANBIT-HFDOM44KRXXX Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KRXXX HANBIT-HFDOM40KRXXX Datasheet
137Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40P-XXXSX HANBIT-HFDOM40P-XXXSX Datasheet
128Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.384MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44P-XXXSX HANBIT-HFDOM44P-XXXSX Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM40S3RXXX HANBIT-HFDOM40S3RXXX Datasheet
299Kb / 31P
   40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
HFDOM40MVXXX HANBIT-HFDOM40MVXXX Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com