Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFDOM40B-192S3 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HFDOM40B-192S3
Description  40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HFDOM40B-192S3 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HFDOM40B-192S3 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HFDOM40B-192S3 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HFDOM40B-192S3 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HFDOM40B-192S3 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HFDOM40B-192S3 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HFDOM40B-192S3 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HFDOM40B-192S3 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HFDOM40B-192S3 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HFDOM40B-192S3 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HANBit
HFDOM40B-xxxSx
URL : www.hbe.co.kr
1 / 10
HANBit Electronics Co., Ltd
.
REV 1.0 (November.2002)
1. PRODUCT OVERVIEW
GENERAL DESCRIPTION
The HFDOM40B-xxxSx series 40Pin Flash Disk Module is a flash technology based with True IDE interface flash
memory card. It is constructed with flash disk controller chip and NAND-type (Samsung) flash memory device. The
HFDOM40B-xxxSx series operates in both 3.3-Volt and 5.0-Volt power supplies. It comes in capacity of 8, 16, 32, 64, 128,
192, 256 MB and up to 512 MB formatted 40Pin type .
By optimizing flash memory management, the life of this HFDOM40B-xxxSx series can be extended to its maximum
level. Because the ECC function is included, the correctness of data transfer between the HFDOM40B-xxxSx series and a
True IDE compatible interface device can be guaranteed.
The HFDOM40B-xxxSx series is fully compatible with applications such as CPU card / board, set top box, industry /
military PC / Notebook, security equipment, measuring instrument and embedded systems.
FEATURES
-
True IDE compatible host interface
-
Direct plug in for 3.5
″ IDE Connectors
-
40 pin 2.54mm IDE Connector
-
Very high performance, very low power consumption
-
Automatic error correction
-
Support 3 power save mode : stop/idle/active
-
Support for CIS implemented with 256 bytes of attribute memory
-
3.3V/5.0V operation voltage
-
Host data transfer rate : 20MB/s
-
Flash data transfer rate : 10MB/s
-
Host Interface bus width : 8/16 bit Access
-
Flash Interface bus width : 8 bit Access
-
Capacity : Min. 8MB ~ Max. 384MB
-
MTBF : 1,000,000 hours, minimum 30,000 insertions
-
Operating vibration : 15G peak to peak maximum
-
Operating shock : 1,000G maximum
PRODUCT SPECIFICATIONS
Capacities :
8, 16, 32, 64, 128, 192, 256 and up to 512 MB (formatted)
Operating Voltage :
3.3V / 5.0V
± 10%
Power consumptions :
Read mode
30 mA (typ), 50 Ma (Max)
Write mode
30 mA (typ), 70 Ma (Max)
Stop mode
30 uA (typ)
Environment conditions :
Operating temperature
0
° C to + 60° C
Storage temperature
- 25
° C to + 85° C
Relative humidity
95%(Max)
Mechanical conditions :
Weight : Maximum 9.0g
40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface
Mode, 3.3V / 5.0V Operating
Part No. HFDOM40B-xxxSx


Similar Part No. - HFDOM40B-192S3

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40C-008SX HANBIT-HFDOM40C-008SX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-016S1 HANBIT-HFDOM40C-016S1 Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-016SX HANBIT-HFDOM40C-016SX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-032S1 HANBIT-HFDOM40C-032S1 Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-032S2 HANBIT-HFDOM40C-032S2 Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results

Similar Description - HFDOM40B-192S3

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40MRXXX HANBIT-HFDOM40MRXXX Datasheet
117Kb / 16P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KRXXX HANBIT-HFDOM44KRXXX Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KRXXX HANBIT-HFDOM40KRXXX Datasheet
137Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40P-XXXSX HANBIT-HFDOM40P-XXXSX Datasheet
128Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.384MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44P-XXXSX HANBIT-HFDOM44P-XXXSX Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM40S3RXXX HANBIT-HFDOM40S3RXXX Datasheet
299Kb / 31P
   40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
HFDOM40MVXXX HANBIT-HFDOM40MVXXX Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com