Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFDOM40B-064S2 Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # HFDOM40B-064S2
Description  40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HFDOM40B-064S2 Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

Back Button HFDOM40B-064S2 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HFDOM40B-064S2 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HFDOM40B-064S2 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HFDOM40B-064S2 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HFDOM40B-064S2 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HFDOM40B-064S2 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HFDOM40B-064S2 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HFDOM40B-064S2 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HFDOM40B-064S2 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HANBit
HFDOM40B-xxxSx
URL : www.hbe.co.kr
8 / 10
HANBit Electronics Co., Ltd
.
REV 1.0 (November.2002)
3. INTERFACE BUS TIMING
ACCESS SPCIFICATIONS
IDE MODE I/O ACCESS SPECIFICATIONS
In this True IDE Mode the Flash Disk Module protocol and configuration are disabled and only I/O operations to the
Task File and Data Register are allowed. In this mode no Memory or Attribute Registers are accessible to the host.
Table 3.1 IDE Mode I/O Access Mode
Mode
-CE2
-CE1
A2-A0
-IORD
-IOWR
D15 - D8
D7
– D0
Invalid Mode
L
L
x
x
x
High Z
High Z
Standby Mode
H
H
x
x
x
High Z
High Z
Task File Write
H
L
1-7h
H
L
Don
’t Care
Data In
Task File Read
H
L
1-7h
L
H
High Z
Data Out
Data Register Write
H
L
0
H
L
Odd Byte in
Even Byte in
Data Register Read
H
L
0
L
H
Odd Byte out
Even Byte out
Control Register Write
L
H
6h
H
L
Don
’t Care
Control In
All Status Read
L
H
6h
L
H
High Z
Status Out
Table 3.2 IDE Mode I/O Read Timing
Parameter
Symbol
IEEE Symbol
Min. ns
Max. ns
Data Delay after IORD
td (IORD)
tlGLQV
100
Data Hold following IORD
th (IORD)
tlGHQX
0
IORD Width Time
tw (IORD)
tlGLIGH
165
Address Setup before IORD
tsuA (IORD)
tAVIGL
70
Address Hold following IORD
thA (IORD)
tlGHAX
20
CE Setup before IORD
tsuCE (IORD)
tELIGL
5
CE Hold following IORD
thCE (IORD)
tlGHEH
20
IOIS16 Delay Falling from Address
tdfIOIS16 (ADR)
tAVISL
35
IOIS16 Delay Rising from Address
tdrIOIS16 (ADR)
tAVISH
35
NOTE: The maximum load on -IOIS16 is 1 LSTTL with 50pF total load. All times are in nanoseconds. Minimum time
from
–WAIT high to -IORD high is 0nsec, but minimum -IORD width must still be met.


Similar Part No. - HFDOM40B-064S2

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40C-008SX HANBIT-HFDOM40C-008SX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-016S1 HANBIT-HFDOM40C-016S1 Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-016SX HANBIT-HFDOM40C-016SX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-032S1 HANBIT-HFDOM40C-032S1 Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-032S2 HANBIT-HFDOM40C-032S2 Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results

Similar Description - HFDOM40B-064S2

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40MRXXX HANBIT-HFDOM40MRXXX Datasheet
117Kb / 16P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KRXXX HANBIT-HFDOM44KRXXX Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KRXXX HANBIT-HFDOM40KRXXX Datasheet
137Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40P-XXXSX HANBIT-HFDOM40P-XXXSX Datasheet
128Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.384MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44P-XXXSX HANBIT-HFDOM44P-XXXSX Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM40S3RXXX HANBIT-HFDOM40S3RXXX Datasheet
299Kb / 31P
   40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
HFDOM40MVXXX HANBIT-HFDOM40MVXXX Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com