Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD128M72D18RPW-13A Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # HDD128M72D18RPW-13A
Description  DDR SDRAM Module 1024Mbyte (128Mx72bit), based on 64Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD128M72D18RPW-13A Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

Back Button HDD128M72D18RPW-13A Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 13Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
HANBit
HDD128M72D18RPW
URL : www.hbe.co.kr
9
HANBit Electronics Co.,Ltd.
REV 1.0 (January. 2005)
System Characteristics for DDR SDRAM
The following specification parameters are required in systems using DDR333, DDR266 devices to ensure proper
system performance. these characteristics are for system simulation purposes and are guaranteed by design.
Table 1 : Input Slew Rate for DQ, DQS, and DM
AC CHARACTERISTICS
DDR333
DDR266
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
Units
Notes
DQ/DM/DQS input slew rate measured between
VIH(DC), VIL(DC) and VIL(DC), VIH(DC)
DCSLEW
TBD
TBD
TBD
TBD
V/ns
a, m
Table 2 : Input Setup & Hold Time Derating for Slew Rate
INPUT SLEW RATE
TIS
TIH
UNITS
NOTES
0.5 V/ns
0
0
ps
i
0.4 V/ns
+50
0
ps
i
0.3 V/ns
+100
0
ps
i
Table 3 : Input/Output Setup & Hold Time Derating for Slew Rate
INPUT SLEW RATE
TDS
TDH
UNITS
NOTES
0.5 V/ns
0
0
ps
k
0.4 V/ns
+75
+75
ps
k
0.3 V/ns
+150
+150
ps
k
Table 4 : Input/Output Setup & Hold Derating for Rise/Fall Delta Slew Rate
DELTA SLEW RATE
TDS
TDH
UNITS
NOTES
+/- 0.0 V/ns
0
0
ps
j
+/- 0.25 V/ns
+50
+50
ps
j
+/- 0.5 V/ns
+100
+100
ps
j
Table 5 : Output Slew Rate Characteristice (X4, X8 Devices only)
SLEW RATE CHARACTERISTIC
TYPICAL RANGE
(V/NS)
MINIMUM
(V/NS)
MAXIMUM
(V/NS)
NOTES
Pullup Slew Rate
1.2 ~ 2.5
1.0
4.5
a,c,d,f,g,h
Pulldown slew
1.2 ~ 2.5
1.0
4.5
b,c,d,f,g,h
Table 6 : Output Slew Rate Characteristice (X16 Devices only)
SLEW RATE CHARACTERISTIC
TYPICAL RANGE
(V/NS)
MINIMUM
(V/NS)
MAXIMUM
(V/NS)
NOTES
Pullup Slew Rate
1.2 ~ 2.5
0.7
5.0
a,c,d,f,g,h
Pulldown slew
1.2 ~ 2.5
0.7
5.0
b,c,d,f,g,h
Table 7 : Output Slew Rate Matching Ratio Characteristics
AC CHARACTERISTICS
DDR333
DDR266
PARAMETER
MIN
MAX
MIN
MAX
Notes
Output Slew Rate Matching Ratio (Pullup to Pulldown)
TBD
TBD
TBD
TBD
e,m


Similar Part No. - HDD128M72D18RPW-13A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDD100 ETC1-HDD100 Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
HDD100-24S05-P ETC1-HDD100-24S05-P Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
HDD100-24S05-T ETC1-HDD100-24S05-T Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
HDD100-24S12-P ETC1-HDD100-24S12-P Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
HDD100-24S12-T ETC1-HDD100-24S12-T Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
More results

Similar Description - HDD128M72D18RPW-13A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD32M72D9RPW HANBIT-HDD32M72D9RPW Datasheet
408Kb / 10P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 32Mx8, 4Banks 8K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18RPW HANBIT-HDD64M72D18RPW Datasheet
160Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72D18RPW HANBIT-HDD32M72D18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RPW HANBIT-HDD32M72B18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
logo
Samsung semiconductor
M390S6450CT1 SAMSUNG-M390S6450CT1 Datasheet
220Kb / 12P
   64Mx72 SDRAM DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V Synchronous DRAMs with SPD
M390S2858DT1 SAMSUNG-M390S2858DT1 Datasheet
239Kb / 12P
   128Mx72 SDRAM DIMM with PLL & Register based on Stacked 128Mx4, 4Banks 8K Ref., 3.3V SDRAMs with SPD
logo
Hanbit Electronics Co.,...
HSD64M72D18RP HANBIT-HSD64M72D18RP Datasheet
201Kb / 11P
   Synchronous DRAM Module 512Mbyte (64Mx72bit), DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com