Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD64M72D18RPW Datasheet(PDF) 9 Page - Hanbit Electronics Co.,Ltd

Part # HDD64M72D18RPW
Description  DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD64M72D18RPW Datasheet(HTML) 9 Page - Hanbit Electronics Co.,Ltd

Back Button HDD64M72D18RPW Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD64M72D18RPW Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD64M72D18RPW Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD64M72D18RPW Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD64M72D18RPW Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD64M72D18RPW Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HDD64M72D18RPW Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HDD64M72D18RPW Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd HDD64M72D18RPW Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HANBit
HDD64M72D18RPW
URL : www.hbe.co.kr
9
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
Data out high impedence time from
CK-/CK
tHZQ
-0.8
+0.8
-0.75
+0.75
-0.75
+0.75
ns
2
CK to valid DQS-in
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS-in setup time
tWPRES
0
0
0
ns
3
DQS-in hold time
tWPREH
0.25
0.25
0.25
tCK
DQS-in falling edge to CK rising-setup
time
tDSS
0.2
0.2
0.2
tCK
DQS-in falling edge to CK rising hold
time
tDSH
0.2
0.2
0.2
tCK
DQS-in high level width
tDQSH
0.35
0.35
0.35
tCK
DQS-in low level width
tDQSL
0.35
0.35
0.35
tCK
DQS-in cycle time
tDSC
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Address and Control Input setup time
tIS
1.1
0.9
0.9
ns
Address and Control Input hold time
tIH
1.1
0.9
0.9
ns
Mode register set cycle time
tMRD
16
15
15
ns
DQ & DM setup time to DQS
tDS
0.6
0.5
0.5
ns
DQ & DM hold time to DQS
tDH
0.6
0.5
0.5
ns
DQ & DM input pulse width
tDIPW
2
1.75
1.75
ns
Power down exit time
tPDEX
10
10
10
ns
Exit self refresh to write command
tXSW
116
95
ns
Exit self refresh to bank active
command
tXSA
80
75
75
ns
Exit self refresh to read command
tXSR
200
200
200
Cycle
Refresh interval time
TREF
7.8
7.8
7.8
us
1
Output DQS valid window
TQH
0.35
0.35
0.35
tCK
DQS write postamble time
TWPST
0.25
0.25
0.25
tCK
4
Notes :
1.
Maximum burst refresh of 8.
2.
tHZQ transitions occurs in the same assess time windows as valid data transitions. These parameters are not
referenced to a specific voltage level, but specify when the device output is no longer driving.
3.
The specific requirement is that DQS be valid(High-Low) on or before this CK edge. The case shown(DQS going
from High_Z to logic Low) applies when no writes were previously in progress on the bus. If a previous write was
in progress, DQS could be High at this time, depending on tDQSS.
4.
The maximum limit for this parameter is not a device limit. The device will operate with a great value for this
parameter, but system performance (bus turnaround) will degrade accordingly.


Similar Part No. - HDD64M72D18RPW

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD64M72D18W-10A HANBIT-HDD64M72D18W-10A Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD64M72D18W-13A HANBIT-HDD64M72D18W-13A Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD64M72D18W-13B HANBIT-HDD64M72D18W-13B Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
More results

Similar Description - HDD64M72D18RPW

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD32M72D9RPW HANBIT-HDD32M72D9RPW Datasheet
408Kb / 10P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 32Mx8, 4Banks 8K Ref., 184Pin-DIMM with PLL & Register
HDD128M72D18RPW HANBIT-HDD128M72D18RPW Datasheet
447Kb / 14P
   DDR SDRAM Module 1024Mbyte (128Mx72bit), based on 64Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HSD64M72D18RP HANBIT-HSD64M72D18RP Datasheet
201Kb / 11P
   Synchronous DRAM Module 512Mbyte (64Mx72bit), DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72D18RPW HANBIT-HDD32M72D18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RPW HANBIT-HDD32M72B18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
logo
Samsung semiconductor
M390S6450CT1 SAMSUNG-M390S6450CT1 Datasheet
220Kb / 12P
   64Mx72 SDRAM DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com