Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD32M64F8K-13B Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HDD32M64F8K-13B
Description  DDR SDRAM Module 256Mbyte (32Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD32M64F8K-13B Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HDD32M64F8K-13B Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-13B Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-13B Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-13B Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-13B Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-13B Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-13B Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-13B Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-13B Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HANBit
HDD32M64F8K
URL : www.hbe.co.kr
6
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, VDD = 2.5V, T =25°C)
VERSION
NOTE
PARAMETER
SYMBO
L
TEST
CONDITION
-10A
-13A
-13B
UNIT
Operating current
(One bank active)
IDD1
Burst length = 2
tRC
≥ tRC(min), CL=2.5
IOUT = 0mA,
Active-Read-Presharge
1520
1600
1600
mA
Precharge standby
current in
power-down mode
IDD2P
CKE
≤ VIL(max)
tCK = tCK(min), All banks
idle
48
56
56
mA
Precharge
standby current in
non power-down mode
IDD2N
CKE
≥ VIH(min)
/CS
≥VIH(min), tCK = tCK(min)
288
320
320
mA
Active standby current in
power-down mode
IDD3P
All
banks
idle,
CKE
VIL(max), tCK = tCK(min)
480
560
560
mA
Active standby current
in
non power-down mode
(One bank active)
IDD3N
Onel banks,
Active-Read-Presharge,
tRC=tRAS(max),
tCK
=
tCK(min)
720
800
800
mA
CL=2.
5
Operating current (Read)
IDD4R
Burst length = 2
tRC = tRC(min),
IOUT = 0mA,
CL=2
1840
2160
2160
mA
CL=2.
5
Operating current (Write)
IDD4W
Burst length = 2
tRC = tRC(min)
CL=2
1840
2240
2240
mA
Auto refresh current
IDD5
tRC
≥ tREF(min)
2720
2880
2880
mA
Self refresh current
IDD6
CKE
≤ 0.2V
32
32
32
mA
AC OPERATING CONDITIONS
PARAMETER
STMBOL
MIN
MAX
UNIT
NOTE
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH (AC)
VREF + 0.35
Input Low (Logic 0) Voltage, DQ, DQS and DM signals.
VIL (AC)
VREF - 0.35
V
Input Differential Voltage, CK and CK inputs
VID (AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CK and CK inputs
VIX (AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Notes:
1.
VID is the magnitude of the difference between the input level on CK and the input on CK.
2. The value of V
IX is expected to equal 0.5* VDDQ of the transmitting device and must track variations in the DC level
of the same


Similar Part No. - HDD32M64F8K-13B

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD32M64F8-10A HANBIT-HDD32M64F8-10A Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD32M64F8-13A HANBIT-HDD32M64F8-13A Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD32M64F8-13B HANBIT-HDD32M64F8-13B Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
More results

Similar Description - HDD32M64F8K-13B

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64F8K HANBIT-HSD32M64F8K Datasheet
202Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
HDD16M64F8 HANBIT-HDD16M64F8 Datasheet
136Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD32M64B8 HANBIT-HDD32M64B8 Datasheet
162Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on32Mx8,4Banks, 8K Ref., SO-DIMM
HDD16M64D8W HANBIT-HDD16M64D8W Datasheet
200Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., DIMM,
HDD16M64B8 HANBIT-HDD16M64B8 Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HSD32M64D16A HANBIT-HSD32M64D16A Datasheet
152Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16R HANBIT-HSD32M64D16R Datasheet
176Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com