Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD32M64F8K-10A Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HDD32M64F8K-10A
Description  DDR SDRAM Module 256Mbyte (32Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD32M64F8K-10A Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HDD32M64F8K-10A Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-10A Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-10A Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-10A Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-10A Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-10A Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-10A Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-10A Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD32M64F8K-10A Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HANBit
HDD32M64F8K
URL : www.hbe.co.kr
4
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
PIN FUNCTION DESCRIPTION
Pin
Name
Input Function
CK, /CK
Clock
CK and CK are differential clock inputs. All address and control input signals are
sam-pled on the positive edge of CK and negative edge of CK. Output (read) data
is referenced to both edges of CK. Internal clock signals are derived from CK/CK.
CKE
Clock Enable
CKE HIGH activates, and CKE LOW deactivates internal clock signals, and
device input buffers and output drivers. Deactivating the clock provides
PRECHARGE
POWER-DOWN and SELF REFRESH operation (all banks idle), or ACTIVE
POWER-DOWN(row ACTIVE in any bank). CKE is synchronous for all functions
except for disabling outputs, which is achieved asynchronously. Input buffers,
excluding CK, CK and CKE are disabled during power-down and self refresh
modes, providing low standby power. CKE will recognizean LVCMOS LOW level
prior to VREF being stable on power-up.
/CS
Chip Select
CS enables(registered LOW) and disables(registered HIGH) the command
decoder.
All commands are masked when CS is registered HIGH. CS provides for external
bank selection on systems with multiple banks. CS is considered part of the
command code.
A0 ~ A11
Address
Row/column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA11, Column address : CA0 ~ CA9
BA0 ~ BA1
Bank select address
BA0 and BA1 define to which bank an ACTIVE, READ, WRITE or PRE-CHARGE
command is being applied.
/RAS
Row address strobe
Latches row addresses on the positive going edge of the CLK with /RAS low.
Enables row access & precharge.
/CAS
Columnaddress strobe
Latches column addresses on the positive going edge of the CLK with /CAS low.
Enables column access.
/WE
Write enable
Enables write operation and row precharge.
Latches data in starting from /CAS, /WE active.
DQS0 ~ 7
Data Strobe
Output with read data, input with write data. Edge-aligned with read data, cen-
tered in write data. Used to capture write data.
DM0~7
Input Data Mask
DM is an input mask signal for write data. Input data is masked when DM is
sampled HIGH along with that input data during a WRITE access. DM is sampled
on both edges of DQS. DM pins include dummy loading internally, to matches the
DQ and DQS load-ing.
DQ0 ~ 63
Data input/output
Data inputs/outputs are multiplexed on the same pins.
WP
Write Protection
WP pin is connected to Vcc.
When WP is
“high”, EEPROM Programming will be inhibited and the entire
memory will be write-protected.
VDDQ
Supply
DQ Power Supply : +2.5V
± 0.2V.
VDD
Supply
Power Supply : +2.5V
± 0.2V (device specific).
VSS
Supply
DQ Ground.
VREF
Supply
SSTL_2 reference voltage.


Similar Part No. - HDD32M64F8K-10A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD32M64F8-10A HANBIT-HDD32M64F8-10A Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD32M64F8-13A HANBIT-HDD32M64F8-13A Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD32M64F8-13B HANBIT-HDD32M64F8-13B Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
More results

Similar Description - HDD32M64F8K-10A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64F8K HANBIT-HSD32M64F8K Datasheet
202Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
HDD16M64F8 HANBIT-HDD16M64F8 Datasheet
136Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD32M64B8 HANBIT-HDD32M64B8 Datasheet
162Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on32Mx8,4Banks, 8K Ref., SO-DIMM
HDD16M64D8W HANBIT-HDD16M64D8W Datasheet
200Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., DIMM,
HDD16M64B8 HANBIT-HDD16M64B8 Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HSD32M64D16A HANBIT-HSD32M64D16A Datasheet
152Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M64D16R HANBIT-HSD32M64D16R Datasheet
176Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM with based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com