Electronic Components Datasheet Search |
|
HDD16M72D9W-13A Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd |
|
HDD16M72D9W-13A Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd |
8 / 11 page HANBit HDD16M72D9W URL : www.hbe.co.kr 8 HANBit Electronics Co.,Ltd. REV 1.0 (November.2002) Notes : 1. Maximum burst refresh cycle : 8 2. The specific requirement is that DQS be valid(High or Low) on or before this CK edge. The case shown(DQS going from High_Z to logic Low) applies when no writes were previously in progress on the bus. If a pre vious write was in progress, DQS could be High at this time, depending on tDQSS. 3. The maximum limit for this parameter is not a device limit. The device will operate with a great value for this parameter, but system performance (bus turnaround) will degrade accordingly. 4. A write command can be applied with tRCD satisfied after this command. 5. For registered DIMMs, tCL and tCH are ≥ 45% of the period including both the half period jitter (tJIT(HP) ) of the PLL and the half jitter due to crosstalk (tJIT(crosstalk) ) on the DIMM. 6. Input Setup/Hold Slew Rate Derating Input Setup/Hold Slew Rate Δ tIS Δ tIH (V/ns) (ps) (ps) 0.5 0 0 0.4 +50 +50 0.3 +100 +100 - This derating table is used to increase tDS/tDH in the case where the input slew rate is below 0.5V/ns. Input setup/hold slew rate based on the lesser of AC-AC slew rate and DC-DC slew rate. 7. I/O Setup/Hold Slew Rate Derating Input Setup/Hold Slew Rate Δ tIS Δ tIH (V/ns) (ps) (ps) 0.5 0 0 0.4 +75 +75 0.3 +150 +150 - This derating table is used to increase tDS/tDH in the case where the I/O slew rate is below 0.5V/ns. I/O setup/hold slew rate based on the lesser of AC-AC slew rate and DC-DC slew rate. 8. I/O Setup/Hold Plateau Derating I/O Input Level Δ tDS Δ tDH (mV) (ps) (ps) ± 280 +50 +50 - This derating table is used to increase tDS/tDH in the case where the input level is flat below VREF ± 310mV for a duration of up to 2ns. 9. I/O Delta Rise/Fall Rate(1/slew-rate) Derating Delta Rise/Fall Rate Δ tDS Δ tDH (ns/V) (ps) (ps) 0 0 0 ±0.25 +50 +50 ±0.5 +100 +100 - This derating table is used to increase tDS/tDH in the case where the DQ and DQS slew rates differ. The Delta Rise/Fall Rate is calated as 1/SlewRate1-1/SlewRate2. For example, if slew rate 1 = 5V/ns and slew rate 2 =.4V/ns then the Delta Rise/Fall Rate =- 0/5ns/V. Input S/H slew rate based on larger of AC -AC delta rise/fall rate and DC-DC delta rise/fall rate. 10. This parameter is fir system simulation purpose. It is guranteed by design. 11. For each of the terms, if not already an integer, round to the next highest integer. t CK is actual to the system clock cycle time. |
Similar Part No. - HDD16M72D9W-13A |
|
Similar Description - HDD16M72D9W-13A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |