Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD16M64F8 Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HDD16M64F8
Description  DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD16M64F8 Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HDD16M64F8 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HDD16M64F8 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD16M64F8 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD16M64F8 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD16M64F8 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD16M64F8 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD16M64F8 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD16M64F8 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD16M64F8 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HANBit
HDD16M64F8
URL : www.hbe.co.kr
2
HANBit Electronics Co.,Ltd.
REV 1.0(August.2002)
PIN ASSIGNMENT
P1
P2
PIN
Symbol
PIN
Symbo
l
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
1
/CS0
35
DQ15
69
NC
1
VDDQ
35
DQ17
69
NC(DQS8)
2
NC(/CS1)
36
DQ14
70
DQS1
2
A3
36
DQ18
70
DQS3
3
VSS
37
VDDQ
71
DQS5
3
VSS
37
VDDQ
71
DQS6
4
CKE0
38
DQ13
72
VDD
4
A2
38
DQ19
72
VDD
5
NC(CKE1)
39
DQ12
73
NC
5
A1
39
DQ20
73
DQ56
6
NC
40
DQ11
74
DQ39
6
A0
40
DQ21
74
DQ57
7
VDD
41
VSS
75
DQ38
7
VDD
41
VSS
75
DQ58
8
CK0
42
DQ10
76
VSS
8
A10
42
DQ22
76
VSS
9
CK1
43
DQ9
77
DQ37
9
A11
43
DQ23
77
DQ59
10
NC
44
DQ8
78
DQ36
10
BA0
44
NC(CB6)
78
DQ60
11
VSS
45
VDD
79
VDDQ
11
VSS
45
VDD
79
VDDQ
12
NC
46
*SA0
80
DQ35
12
BA1
46
NC(CB4)
80
DQ61
13
DM0
47
*SA1
81
DQ34
13
DM2
47
NC(CB2)
81
DQ62
14
DM4
48
VSS
82
DQ33
14
DM6
48
VSS
82
DQ63
15
VDDQ
49
*SA2
83
VSS
15
VDDQ
49
NC(CB0)
83
VSS
16
NC
50
VDDQ
84
DQ32
16
NC
50
VDDQ
84
DQ55
17
NC
51
VDD
85
DQ40
17
NC
51
VDD
85
DQ54
18
VSS
52
/RAS
86
DQ41
18
VSS
52
A4
86
DQ53
19
NC
53
VSS
87
VDDQ
19
DQS7
53
VSS
87
VDDQ
20
DQS0
54
/CAS
88
DQ42
20
DQS2
54
A5
88
DQ52
21
DQS4
55
/CK0
89
DQ43
21
NC
55
A6
89
DQ51
22
VDD
56
/CK1
90
DQ44
22
VDD
56
A7
90
DQ50
23
NC
57
VDD
91
VSS
23
DQ31
57
VDD
91
VSS
24
DQ0
58
/CK2
92
DQ45
24
DQ30
58
A8
92
DQ49
25
DQ1
59
CK2
93
DQ46
25
DQ29
59
A9
93
DQ48
26
VSS
60
/WE
94
DQ47
26
VSS
60
NC(A12)
94
NC(CB7)
27
DQ2
61
VSS
95
*SCL
27
DQ28
61
VSS
95
VDD
28
DQ3
62
NC
96
*WP
28
DQ27
62
DM3
96
NC(CB5)
29
VDDQ
63
DM1
97
*VSPD
29
VDDQ
63
DM7
97
NC(CB3)
30
DQ4
64
DM5
98
VSS
30
DQ26
64
NC(DM8)
98
VSS
31
DQ5
65
VDDQ
99
*SDA
31
DQ25
65
VDDQ
99
NC(CB1)
32
DQ6
66
NC
100
VDDIN
32
DQ24
66
NC
100
VDD
33
VSS
67
VREF
33
VSS
67
NC(A13)
34
DQ7
68
VSS
34
DQ16
68
VSS
* These pins should be NC in the system which does not support SPD
PIN
PIN DESCRIPTION
PIN
PIN DESCRIPTION
A0~A11
Address input
VDD
Power supply(2.5V)
BA0~BA1
Bank Select Address
VDDQ
Power supply for DQs(2.5V)
DQ0~DQ63
Data input/output
VREF
Power supply for reference
CB0~CB7
Check bit(Data input/output)
VSPD
Serial EEPROM Power supply(3.3)
DQS0~DQS7
Data Strobe input/output
VSS
Ground
DM0~DM7
Data-in Mask
SA0~SA2
Address in EEPROM
CK0~CK2,/CK0~/CK2
Clock input
SDA
Serial data I/O
CKE0
Clock enable input
SCL
Serial clock
/CS0
Chip Select input
WP
Write protection
/RAS
Row Address strobe
VDDIN
VDD indentification flag
/CAS
Column Address strobe
NC
No connection


Similar Part No. - HDD16M64F8

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD16M64B8 HANBIT-HDD16M64B8 Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64B8-10A HANBIT-HDD16M64B8-10A Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64B8-13A HANBIT-HDD16M64B8-13A Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64B8-13B HANBIT-HDD16M64B8-13B Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64D8W HANBIT-HDD16M64D8W Datasheet
200Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., DIMM,
More results

Similar Description - HDD16M64F8

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD16M64D8W HANBIT-HDD16M64D8W Datasheet
200Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., DIMM,
HDD16M64B8 HANBIT-HDD16M64B8 Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD32M64F8K HANBIT-HDD32M64F8K Datasheet
160Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HSD32M64F8K HANBIT-HSD32M64F8K Datasheet
202Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com