Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD16M64D8W-10A Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HDD16M64D8W-10A
Description  DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., DIMM,
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD16M64D8W-10A Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HDD16M64D8W-10A Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HDD16M64D8W-10A Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD16M64D8W-10A Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD16M64D8W-10A Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD16M64D8W-10A Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD16M64D8W-10A Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD16M64D8W-10A Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD16M64D8W-10A Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD16M64D8W-10A Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HANBit
HDD16M64D8W
URL : www.hbe.co.kr
5
HANBit Electronics Co.,Ltd.
REV 2.0 (November.2002)
DDR SDRAM IDD SPEC TABLE
SYMBOL
B3(DDR333@CL=2.5)
A2(DDR266@CL=2)
B0(DDR266@CL=2.5)
UNIT
NOTE
IDD0
840
760
760
mA
IDD1
1040
960
960
mA
IDD2P
28
24
24
mA
IDD2F
200
176
176
mA
IDD2Q
144
120
120
mA
IDD3P
280
280
280
mA
IDD3N
440
440
440
mA
IDD4R
1280
1136
1136
mA
IDD4W
1216
1040
1040
mA
IDD5
1480
1480
1480
mA
Normal
16
16
16
mA
IDD6
Low power
8
8
8
mA
Optional
IDD7A
2640
2400
2400
mA
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ
loading cap.
AC OPERATING CONDITIONS
PARAMETER/ CONDITION
STMBOL
MIN
MAX
UNIT
NOTE
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH (AC)
VREF + 0.31
3
Input Low (Logic 0) Voltage, DQ, DQS and DM signals.
VIL (AC)
VREF - 0.31
V
3
Input Differential Voltage, CK and CK inputs
VID (AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CK and CK inputs
VIX (AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Note 1. VID is the magnitude of the difference between the input level on CK and the input on CK.
2. The value of V IX is expected to equal 0.5* VDDQ of the transmitting device and must track variations in the DC level of the same.
3. These parameters should be tested at the pim on actual components and may be checked at either the pin or the pad in simulation.
the AC and DC input specificatims are refation to a VREF envelope that has been bandwidth limited 20MHz.
AC OPERATING TEST CONDITIONS
PARAMETER
VALUE
UNIT
NOTE
Input reference voltage for Clock
0.5 * VDDQ
V
Input signal maximum peak swing
1.5
V
Input signal minimum slew rate
0.5
V/ns
Input Levels(VIH/VIL)
VREF+0.31/VREF-0.31
V
Input timing measurement reference level
VREF
V
Output timing measurement reference level
VTT
V
Output load condition
See Load Circuit
V


Similar Part No. - HDD16M64D8W-10A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD16M64B8 HANBIT-HDD16M64B8 Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64B8-10A HANBIT-HDD16M64B8-10A Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64B8-13A HANBIT-HDD16M64B8-13A Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64B8-13B HANBIT-HDD16M64B8-13B Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64F8 HANBIT-HDD16M64F8 Datasheet
136Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
More results

Similar Description - HDD16M64D8W-10A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD16M64B8 HANBIT-HDD16M64B8 Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64F8 HANBIT-HDD16M64F8 Datasheet
136Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
HDD32M64F8K HANBIT-HDD32M64F8K Datasheet
160Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HDD32M64B8 HANBIT-HDD32M64B8 Datasheet
162Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on32Mx8,4Banks, 8K Ref., SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com