Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDD16M64D8W Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part # HDD16M64D8W
Description  DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., DIMM,
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD16M64D8W Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

Back Button HDD16M64D8W Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HDD16M64D8W Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HANBit
HDD16M64D8W
URL : www.hbe.co.kr
6
HANBit Electronics Co.,Ltd.
REV 2.0 (November.2002)
INPUT/OUTPUT CAPACITANCE
(VDD = 2.5V, VDDQ = 2.5V, TA = 25°C, f = 1MHz)
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Input Capacitance(A0 ~ A12, BA0 ~ BA1,RAS,CAS, WE )
CIN1
49
57
pF
Input Capacitance(CKE0)
CIN2
42
50
pF
Input Capacitance( CS0)
CIN3
42
50
pF
Input Capacitance( CLK0, CLK1,CLK2 )
CIN4
22
25
pF
Data & DQS input/output Capacitance(DQ0~DQ63)
COUT1
6
8
pF
Input Capacitance(DM0~DM8)
CIN5
6
8
pF
AC TIMMING PARAMETERS & SPECIFICATIONS (THESEACCHARICTERISTICSWERETESTEDONTHECOMPONENT)
DDR200
DDR266A
DDR266B
-10A
-13A
-13B
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
NOTE
Row cycle time
tRC
70
65
65
ns
1
Refresh row cycle time
tRFC
80
75
75
ns
1,2
Row active time
tRAS
48
120K
45
120K
45
120K
ns
1,2
/RAS to /CAS delay
tRCD
20
20
20
ns
3
Row precharge time
tRP
20
20
20
ns
3
Row active to Row active delay
tRRD
15
15
15
ns
3
Write recovery time
tWR
2
2
2
tCK
3
Last data in to Read command
tCDLR
1
1
1
tCK
2
Col. address to Col. address delay
tCCD
1
1
1
tCK
CL=2.0
10
12
7.5
12
10
12
ns
Clock cycle time
CL=2.5
tCK
12
7.5
12
7.5
12
ns


Similar Part No. - HDD16M64D8W

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD16M64B8 HANBIT-HDD16M64B8 Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64B8-10A HANBIT-HDD16M64B8-10A Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64B8-13A HANBIT-HDD16M64B8-13A Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64B8-13B HANBIT-HDD16M64B8-13B Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64F8 HANBIT-HDD16M64F8 Datasheet
136Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
More results

Similar Description - HDD16M64D8W

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD16M64B8 HANBIT-HDD16M64B8 Datasheet
161Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref. SO-DIMM
HDD16M64F8 HANBIT-HDD16M64F8 Datasheet
136Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
HDD32M64F8K HANBIT-HDD32M64F8K Datasheet
160Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on16Mx8,4Banks, 4K Ref., SMM,
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D16A HANBIT-HSD16M64D16A Datasheet
155Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HDD32M64B8 HANBIT-HDD32M64B8 Datasheet
162Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on32Mx8,4Banks, 8K Ref., SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com