Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOD496 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOD496
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD496 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOD496 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD496 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD496 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD496 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD496 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AOD496
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
30
60
90
120
012
345
VDS (Volts)
Figure 1: On-Region Characteristics
10V
4.5V
VGS=3.5V
7V
4V
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
VGS(Volts)
Figure 2: Transfer Characteristics
5
7
9
11
13
15
0
5
10
15
20
25
30
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.6
0.8
1
1.2
1.4
1.6
-50
-20
10
40
70
100
130
160
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
ID=20A
VGS=10V
VGS=4.5
VGS=4.5
VGS=10V
5
10
15
20
25
30
2
4
6
8
10
12
14
16
18
20
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°
VDS=5V
VGS=4.5V
VGS=10V
ID=20A
25°C
125°C
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOD496

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD496 AOSMD-AOD496 Datasheet
147Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
AOD496 ISC-AOD496 Datasheet
361Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOD496A AOSMD-AOD496A Datasheet
202Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
AOD496A AOSMD-AOD496A Datasheet
495Kb / 6P
   30V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOD496A ISC-AOD496A Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD496

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com