Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC72143 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MSC72143
Description  NPN SILICON RF POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MSC72143 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MSC72143 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 10 mA
65
V
BVCER
IC = 25 mA
RBE = 10
65
V
BVEBO
IE = 1.0 mA
3.5
V
ICES
VCE = 50 V
25
mA
hFE
VCE = 5.0 V
IC = 1.0 A
15
120
---
PG
ηηηη
C
VCC = 50 V
POUT = 250 W
f = 1025 - 1150 MHz
6.2
40
dB
%
NPN SILICON RF POWER TRANSISTOR
MSC72143
DESCRIPTION:
The
ASI MSC72143 is Designed for
Class C, DME/TACAN Applications
up to 1150 MHz.
FEATURES:
• Replacement for MSC81250M Hi-Rel
• 168 Hour Burn-In
• Internal Input/Output Matching Networks
• P
G = 6.2 dB at 250 W/1150 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
17.8 A
VCC
55 V
PDISS
600 W @ TC
≤ 80 °C
TJ
-65 °C to +250 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
0.2 °C/W
PACKAGE STYLE .400 2NL FLG
MIN IMU M
inches / m m
.100 / 2.54
.110 / 2.79
.376 / 9.55
.395 / 10.03
B
C
D
E
F
G
A
M AXIM U M
.396 / 10.06
.407 / 10.34
.130 / 3.30
inches / m m
.450 / 11.43
H
DIM
K
L
I
J
.640 / 16.26
.890 / 22.61
.004 / 0.10
.660 / 16.76
.910 / 23.11
.007 / 0.18
H
F
C
E
N
ØD
M
G
4x .062 x 45°
P
L
K
I
J
2X B
.025 x 45°
A
N
M
.118 / 3.00
.131 / 3.33
.020 / 0.51
.030 / 0.76
.193 / 4.90
.125 / 3.18
.395 / 10.03
.415 / 10.54
.072 / 1.83
.052 / 1.32
P
.230 / 5.84


Similar Part No. - MSC72143

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MSC72166 ASI-MSC72166 Datasheet
23Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MSC72143

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com