Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA9.0C Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SA9.0C
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SA9.0C Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SA9.0C Datasheet HTML 1Page - Pan Jit International Inc. SA9.0C Datasheet HTML 2Page - Pan Jit International Inc. SA9.0C Datasheet HTML 3Page - Pan Jit International Inc. SA9.0C Datasheet HTML 4Page - Pan Jit International Inc. SA9.0C Datasheet HTML 5Page - Pan Jit International Inc. SA9.0C Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SA5.0 THRU SA170CA
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 5.0 TO 170 Volts
500 Watt Peak Pulse Power
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
Glass passivated chip junction
l
500W Peak Pulse Power capability on
10/1000 £gS waveform
l
Excellent clamping capability
l
Repetition rate(duty cycle): 0.01%
l
Low incremental surge resistance
l
Fast response time: typically less
than 1.0 ps from 0 volts to BV for unidirectional
and 5.0ns for bidirectional types
l
Typical ID less than 1 £gA above 10V
l
High temperature soldering guaranteed:
300 ¢J /10 seconds/.375”,(9.5mm) lead
length/5lbs., (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic over passivated junction
Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026
Polarity: Color band denoteds positive end(cathode) except Bidirectionals
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types
Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on 10/1000 £g S waveform
(Note 1, FIG.1)
PPPM
Minimum 500
Watts
Peak Pulse Current of on 10/1000 £gS waveform
(Note 1, FIG.3)
IPPM
SEE TABLE 1
Amps
Steady State Power Dissipation at TL=75 ¢J Lead
Lengths .375”,(9.5mm) (Note 2)
PM(AV)
1.0
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load, Unidirectional only
(JECED Method) (Note 3)
IFSM
70
Amps
Operating Junction and Storage Temperature Range
TJ,TSTG
-65 to +175
¢J
NOTES:
1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25 ¢J per Fig. 2.
2.Mounted on Copper Leaf area of 1.57in
2(40mm2) PER Figure 5.
3.8.3ms single half sine-wave or equivalent square wave, Duty cycle= 4 pulses per minute maximum.
DO-15


Similar Part No. - SA9.0C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA9.0C WTE-SA9.0C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SA9.0C YANGJIE-SA9.0C Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Micro Commercial Compon...
SA9.0C MCC-SA9.0C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Anova Technologies CO.,...
SA9.0C ANOVA-SA9.0C Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Won-Top Electronics
SA9.0C WTE-SA9.0C Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA9.0C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
StarHope
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
logo
Leshan Radio Company
SA5.0 LRC-SA5.0 Datasheet
189Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
Formosa MS
3KP5.0 FORMOSA-3KP5.0 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
StarHope
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com