Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-2818 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 5082-2818
Description  MEDIUM BARRIER SCHOTTKY DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

5082-2818 Datasheet(HTML) 1 Page - Advanced Semiconductor

  5082-2818 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VBR
IR = 10
µA
30
V
IR
VR = 15 V
500
nA
VF
IF = 100 mA
0.5
V
CJ
VR = 0 V
f = 1.0 MHz
1.0
pF
NF
SWR
LO Power = 1.0 mW
NF = 1.5 dB
IF = 30 MHz
DC Load Resistance =
6.0
1.5:1
dB
---
ZIF
LO Power = 1.0 mW
NF = 1.5 dB
IF = 10 KHz
DC Load Resistance = 100
250
400
MEDIUM BARRIER SCHOTTKY DIODE
5082-2818
DESCRIPTION:
The
ASI 5082-2818 is a Silicon Small
Signal Schottky Diode for General
Purpose UHF/VHF Detection and Pulse
Applications. Color Band Indicates
Cathode.
FEATURES:
• Matched pair.
MAXIMUM RATINGS
IF
100 mA
VR
30 V
PDISS
250 mW @ TA = 25 °C
TJ
-60 °C to +200 °C
TSTG
-60 °C to +200 °C
θθθθ
JC
700 °C/W
PACKAGE STYLE 15


Similar Part No. - 5082-2818

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-2818 ASI-5082-2818 Datasheet
65Kb / 1P
   MEDIUM BARRIER SCHOTTKY DIODE
5082-2818 ASI-5082-2818_05 Datasheet
65Kb / 1P
   MEDIUM BARRIER SCHOTTKY DIODE
More results

Similar Description - 5082-2818

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-2351 ASI-5082-2351 Datasheet
16Kb / 1P
   MEDIUM BARRIER SCHOTTKY DIODE
DME2333-230 ASI-DME2333-230 Datasheet
24Kb / 1P
   SCHOTTKY MEDIUM BARRIER DIODE
DME3057 ASI-DME3057 Datasheet
23Kb / 1P
   SCHOTTKY MEDIUM BARRIER DIODE
5082-2207 ASI-5082-2207 Datasheet
22Kb / 1P
   SCHOTTKY MEDIUM BARRIER DIODE
5082-2785 ASI-5082-2785 Datasheet
17Kb / 1P
   SCHOTTKY MEDIUM BARRIER DIODE
MA4883 ASI-MA4883 Datasheet
56Kb / 1P
   MEDIUM BARRIER SCHOTTKY DIODE
5082-2818 ASI-5082-2818_05 Datasheet
65Kb / 1P
   MEDIUM BARRIER SCHOTTKY DIODE
5082-2817 ASI-5082-2817 Datasheet
16Kb / 1P
   MEDIUM BARRIER SCHOTTKY DIODE
5082-2350 ASI-5082-2350 Datasheet
16Kb / 1P
   MEDIUM BARRIER SCHOTTKY DIODE
5082-2209 ASI-5082-2209 Datasheet
25Kb / 1P
   SCHOTTKY MEDIUM BARRIER DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com