Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP-485 Datasheet(PDF) 4 Page - PerkinElmer Optoelectronics

Part # GP-485
Description  Mini-Triggered Spark Gaps and Transformers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

GP-485 Datasheet(HTML) 4 Page - PerkinElmer Optoelectronics

  GP-485 Datasheet HTML 1Page - PerkinElmer Optoelectronics GP-485 Datasheet HTML 2Page - PerkinElmer Optoelectronics GP-485 Datasheet HTML 3Page - PerkinElmer Optoelectronics GP-485 Datasheet HTML 4Page - PerkinElmer Optoelectronics GP-485 Datasheet HTML 5Page - PerkinElmer Optoelectronics GP-485 Datasheet HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PerkinElmer Optoelectronics
page 4
EG&G
Model No.
GP-485
GP-486
GP-488
GP-489
Min (kV)
2
2
2
2
Max (kV)
4
4
4
4
SBV
Minimum
Static
Breakdown
Voltage (kV)
4.5
4.5
4.5
4.5
VT(Open Circuit)
Minimum
Trigger
Voltage
(kV)
2
2
2
2
Peak
Pulse
Current
(kA)
10
10
10
10
E - E
Operating Range
OPERATING SPECIFICATIONS
Environmental Specifications
Ambient/Operating temperature range
-45 to +100°C. Storage temperature range -65 to + 125°C
Vibration
15 to 500 Hz at 10 g maximum
Shock
per MIL-STD-202D, method 204, Test Condition A (30g, 11 mS).
Thermal Shock
per MIL-STD-202D, method 107, Test Condition B (-65 to + 125°C).
Humidity
per MIL-T-5422E, paragraph 4.4.
Electrical Specifications
Electrode capacity
Less than 5 pf.
Interelectrode resistance
Greater than 1010 ohms at 500 V.
Mechanical Specifications
Envelope
Ceramic-metal, hermetically sealed, exposed metal parts nickel plated.


Similar Part No. - GP-485

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
GP-41B PERKINELMER-GP-41B Datasheet
67Kb / 4P
   Triggered Spark Gaps
GP-46B PERKINELMER-GP-46B Datasheet
67Kb / 4P
   Triggered Spark Gaps
More results

Similar Description - GP-485

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
GP-89 PERKINELMER-GP-89 Datasheet
67Kb / 4P
   Triggered Spark Gaps
logo
Clare, Inc.
TG-221 CLARE-TG-221 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TX45 CLARE-TX45 Datasheet
186Kb / 4P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Taiyo Yuden (U.S.A.), I...
AG20PC152F-L3N TAIYO-YUDEN-AG20PC152F-L3N Datasheet
360Kb / 2P
   SPARK GAPS
logo
List of Unclassifed Man...
AG15P152FB ETC2-AG15P152FB Datasheet
360Kb / 2P
   SPARK GAPS
logo
PerkinElmer Optoelectro...
GPV-63 PERKINELMER-GPV-63 Datasheet
59Kb / 4P
   Triggered Vacuum Gaps
logo
Coilcraft lnc.
WBC1-1LC COILCRAFT-WBC1-1LC_15 Datasheet
407Kb / 5P
   Mini Wideband Transformers
logo
MPS Industries, Inc.
R33M MPSIND-R33M Datasheet
255Kb / 1P
   MINI RF TRANSFORMERS
logo
Rhombus Industries Inc.
T-35000 RHOMBUS-IND-T-35000 Datasheet
25Kb / 1P
   Mini Audio Transformers
logo
MPS Industries, Inc.
R34M MPSIND-R34M Datasheet
255Kb / 1P
   MINI BALUN TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com