Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5117400BLTS-7 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HM5117400BLTS-7
Description  4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5117400BLTS-7 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HM5117400BLTS-7 Datasheet HTML 3Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 4Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 5Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 6Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 7Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 8Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 9Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 10Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
HM5117400B Series
7
AC Characteristics (Ta = 0 to +70 C, V
CC = 5 V
10%, V
SS = 0 V)
*1, *2, *18, *19
Test Conditions
Input rise and fall time: 5 ns
Input timing reference levels : 0.8 V, 2.4 V
Output load : 2 TTL gate + C
L (100 pF) (Including scope and jig)
Read, Write, Read-Modify-Write and Refresh Cycles (Common parameters)
HM5117400B
-6
-7
-8
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit
Notes
Random read or write cycle timet
RC
110
130
150
ns
precharge timet
RP
40
50
60
ns
precharge timet
CP
10
10
10
ns
pulse widtht
RAS
60
10000
70
10000
80
10000
ns
pulse widtht
CAS
15
10000
18
10000
20
10000
ns
Row address setup timet
ASR
0
0
0
ns
Row address hold timet
RAH
10
10
10
ns
Column address setup timet
ASC
0
0
0
ns
Column address hold timet
CAH
10
15
15
ns
to
delay timet
RCD
20
45
20
52
20
60
ns3
to column address delay timet
RAD
15
30
15
35
15
40
ns4
hold timet
RSH
15
18
20
ns
hold timet
CSH
60
70
80
ns
to
precharge timet
CRP
5
5
5
ns
to Din delay timet
OED
15
18
20
ns5
delay time from Dint
DZO
0
0
0
ns6
delay time from Dint
DZC
0
0
0
ns6
Transition time (rise and fall)t
T
3
50
3
50
3
50
ns7


Similar Part No. - HM5117400BLTS-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM5117400AS7GS ETC1-HM5117400AS7GS Datasheet
34Kb / 2P
   CMOS 4194304 WORD 8-BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM5117400LS-5 HITACHI-HM5117400LS-5 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LS-6 HITACHI-HM5117400LS-6 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LS-7 HITACHI-HM5117400LS-7 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LTS-5 HITACHI-HM5117400LTS-5 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
More results

Similar Description - HM5117400BLTS-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Hitachi Semiconductor
HM514400B HITACHI-HM514400B Datasheet
235Kb / 27P
   1,048,576-word X 4-bit Dynamic Random Access Memory
logo
Texas Instruments
TMS44100 TI-TMS44100 Datasheet
383Kb / 25P
[Old version datasheet]   4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
   1048576-word x 16-bit Dynamic Random Access Memory
HM514800C HITACHI-HM514800C Datasheet
1Mb / 25P
   524,288-word X 8-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM514260C HITACHI-HM514260C Datasheet
260Kb / 27P
   262,144-word x 16-bit Dynamic Random Access Memory
HM514170C HITACHI-HM514170C Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com