Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5117400BLTS-7 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HM5117400BLTS-7
Description  4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5117400BLTS-7 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HM5117400BLTS-7 Datasheet HTML 1Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 2Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 3Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 4Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 5Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 6Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 7Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 8Page - Hitachi Semiconductor HM5117400BLTS-7 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
HM5117400B Series
5
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Voltage on any pin relative to V
SS
V
T
–1.0 to +7.0V
Supply voltage relative to V
SS
V
CC
–1.0 to +7.0V
Short circuit output current
Iout
50
mA
Power dissipationP
T
1.0W
Operating temperature
Topr
0 to +70
C
Storage temperature
Tstg
–55 to +125
C
Recommended DC Operating Conditions (Ta = 0 to +70 C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltageV
CC
4.5
5.0
5.5
V1
Input high voltageV
IH
2.4
6.5
V1
Input low voltageV
IL
–1.0
0.8
V1
Note:
1. All voltage referred to V
SS
DC Characteristics (Ta = 0 to +70 C, V
CC = 5 V
10%, V
SS = 0 V)
HM5117400B
-6
-7
-8
Parameter
Symbol Min
Max Min
Max Min
Max Unit
Test Conditions
Operating current
*1, *2
I
CC1
110
100
90
mAt
RC = min
Standby currentI
CC2
2
2
2
mA
TTL interface
,
= V
IH
Dout = High-Z
1
1
1
mA
CMOS interface
,
V
CC – 0.2V
Dout = High-Z
Standby current
(L-version)
I
CC2
150
150
150
A
CMOS interface
,
V
CC – 0.2V
Dout = High-Z


Similar Part No. - HM5117400BLTS-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM5117400AS7GS ETC1-HM5117400AS7GS Datasheet
34Kb / 2P
   CMOS 4194304 WORD 8-BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM5117400LS-5 HITACHI-HM5117400LS-5 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LS-6 HITACHI-HM5117400LS-6 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LS-7 HITACHI-HM5117400LS-7 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LTS-5 HITACHI-HM5117400LTS-5 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
More results

Similar Description - HM5117400BLTS-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Hitachi Semiconductor
HM514400B HITACHI-HM514400B Datasheet
235Kb / 27P
   1,048,576-word X 4-bit Dynamic Random Access Memory
logo
Texas Instruments
TMS44100 TI-TMS44100 Datasheet
383Kb / 25P
[Old version datasheet]   4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
   1048576-word x 16-bit Dynamic Random Access Memory
HM514800C HITACHI-HM514800C Datasheet
1Mb / 25P
   524,288-word X 8-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM514260C HITACHI-HM514260C Datasheet
260Kb / 27P
   262,144-word x 16-bit Dynamic Random Access Memory
HM514170C HITACHI-HM514170C Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com