Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM27C64 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # NM27C64
Description  65,536-BIT (8192 X 8) CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C64 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button NM27C64 Datasheet HTML 2Page - Fairchild Semiconductor NM27C64 Datasheet HTML 3Page - Fairchild Semiconductor NM27C64 Datasheet HTML 4Page - Fairchild Semiconductor NM27C64 Datasheet HTML 5Page - Fairchild Semiconductor NM27C64 Datasheet HTML 6Page - Fairchild Semiconductor NM27C64 Datasheet HTML 7Page - Fairchild Semiconductor NM27C64 Datasheet HTML 8Page - Fairchild Semiconductor NM27C64 Datasheet HTML 9Page - Fairchild Semiconductor NM27C64 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
NMC27C64 Rev. C
Functional Description (Continued)
Program Inhibit
Programming multiple NMC27C64s in parallel with different data
is also easily accomplished. Except for CE all like inputs (including
OE and PGM) of the parallel NMC27C64 may be common. A TTL
low level program pulse applied to an NMC27C64
’s PGM input
with CE at V
IL and VPP at 13.0V will program that NMC27C64. A
TTL high level CE input inhibits the other NMC27C64s from being
programmed.
Program Verify
A verify should be performed on the programmed bits to determine
whether they were correctly programmed. The verify may be
performed with V
PP at 13.0V. VPP must be at VCC, except during
programming and program verify.
MANUFACTURER
’S IDENTIFICATION CODE
The NMC27C64 has a manufacturer
’s identification code to aid in
programming. The code, shown in Table 2, is two bytes wide and
is stored in a ROM configuration on the chip. It identifies the
manufacturer and the device type. The code for the NMC27C64
is
“8FC2”, where “8F” designates that it is made by Fairchild
Semiconductor, and
“C2” designates a 64k part.
The code is accessed by applying 12V
0.5V to address pin A9.
Addresses A1
–A8, A10–A12, CE, and OE are held at V
IL. Address
A0 is held at V
IL for the manufacturer’s code, and at VIH for the
device code. The code is read out on the 8 data pins. Proper code
access is only guaranteed at 25 C
5 C.
The primary purpose of the manufacturer
’s identification code is
automatic programming control. When the device is inserted in a
EPROM programmer socket, the programmer reads the code and
then automatically calls up the specific programming algorithm for
the part. This automatic programming control is only possible with
programmers which have the capability of reading the code.
ERASURE CHARACTERISTICS
The erasure characteristics of the NMC27C64 are such that
erasure begins to occur when exposed to light with wavelengths
shorter than approximately 4000 Angstroms (
Å). It should be
noted that sunlight and certain types of fluorescent lamps have
wavelengths in the 3000
Å – 4000Å range.
After programming, opaque labels should be placed over the
NMC27C64
’s window to prevent unintentional erasure. Covering
the window will also prevent temporary functional failure due to the
generation of photo currents.
The recommended erasure procedure for the NMC27C64 is
exposure to short wave ultraviolet light which has a wavelength of
2537 Angstroms (
Å). The integrated dose (i.e., UV intensity x
exposure time) for erasure should be a minimum of 15W-sec/cm2.
The NMC27C64 should be placed within 1 inch of the lamp tubes
during erasure. Some lamps have a filter on their tubes which
should be removed before erasure.
An erasure system should be calibrated periodically. The distance
from lamp to unit should be maintained at one inch. The erasure
time increases as the square of the distance. (If distance is
doubled the erasure time increases by a factor of 4.) Lamps lose
intensity as they age. When a lamp is changed, the distance has
changed or the lamp has aged, the system should be checked to
make certain full erasure is occurring. Incomplete erasure will
cause symptoms that can be misleading. Programmers, compo-
nents, and even system designs have been erroneously sus-
pected when incomplete erasure was the problem.
SYSTEM CONSIDERATION
The power switching characteristics of EPROMs require careful
decoupling of the devices. The supply current, I
CC, has three
segments that are of interest to the system designer
—the standby
current level, the active current level, and the transient current
peaks that are produced by voltage transitions on input pins. The
magnitude of these transient current peaks is dependent on the
output capacitance loading of the device. The associated V
CC
transient voltage peaks can be suppressed by properly selected
decoupling capacitors. It is recommended that at least a 0.1 F
ceramic capacitor be used on every device between V
CC and
GND. This should be a high frequency capacitor of low inherent
inductance. In addition, at least a 4.7 F bulk electrolytic capacitor
should be used between V
CC and GND for each eight devices. The
bulk capacitor should be located near where the power supply is
connected to the array. The purpose of the bulk capacitor is to
overcome the voltage drop caused by the inductive effects of the
PC board traces.
TABLE 2. Manufacturer
’s Identification Code
Pins
A0
O7
O6
O5
O4
O3
O2
O1
O0
Hex
(10)
(19)
(18)
(17)
(16)
(15)
(13)
(12)
(11)
Data
Manufacturer Code
V
IL
1000111
1
8F
Device CodeVIH
1100001
0
C2


Similar Part No. - NM27C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
NM27C020 FAIRCHILD-NM27C020 Datasheet
119Kb / 14P
   2,097,152-Bit (256K x 8) UV Erasable CMOS EPROM
NM27C040 FAIRCHILD-NM27C040 Datasheet
111Kb / 11P
   4,194,304-Bit (512K x 8) High Performance CMOS EPROM
NM27C040Q150 FAIRCHILD-NM27C040Q150 Datasheet
111Kb / 11P
   4,194,304-Bit (512K x 8) High Performance CMOS EPROM
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
More results

Similar Description - NM27C64

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NMC27C64 FAIRCHILD-NMC27C64 Datasheet
82Kb / 10P
   65,536-Bit (8192 x 8) CMOS EPROM
logo
NEC
UPD4364 NEC-UPD4364 Datasheet
307Kb / 6P
   8192 X 8 BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com