Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5117400BLS-6 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HM5117400BLS-6
Description  4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5117400BLS-6 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HM5117400BLS-6 Datasheet HTML 6Page - Hitachi Semiconductor HM5117400BLS-6 Datasheet HTML 7Page - Hitachi Semiconductor HM5117400BLS-6 Datasheet HTML 8Page - Hitachi Semiconductor HM5117400BLS-6 Datasheet HTML 9Page - Hitachi Semiconductor HM5117400BLS-6 Datasheet HTML 10Page - Hitachi Semiconductor HM5117400BLS-6 Datasheet HTML 11Page - Hitachi Semiconductor HM5117400BLS-6 Datasheet HTML 12Page - Hitachi Semiconductor HM5117400BLS-6 Datasheet HTML 13Page - Hitachi Semiconductor HM5117400BLS-6 Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
HM5117400B Series
10
Fast Page Mode Read-Modify-Write Cycle
HM5117400B
-6
-7
-8
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit
Notes
Fast page mode read-modify-write
cycle time
t
PRWC
85
96
105
ns
delay time from
precharget
CPW
60
68
75
ns
14
Test Mode Cycle
*19
HM5117400B
-6
-7
-8
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit
Notes
Test mode
setup timet
WTS
0
0
0
ns
Test mode
hold timet
WTH
10
10
10
ns
Refresh
Parameter
Symbol
Max
Unit
Note
Refresh periodt
REF
32
ms
2048 cycles
Refresh period (L-version)t
REF
128
ms
2048 cycles
Notes: 1. AC measurements assume t
T = 5 ns.
2. An initial pause of 200 s is required after power up followed by a minimum of eight initialization
cycles (any combination of cycles containing
-only refresh or
-before-
refresh). If the
internal refresh counter is used, a minimum of eight
-before-
refresh cycles are required.
3. Operation with the t
RCD (max) limit insures that tRAC (max) can be met, tRCD (max) is specified as a
reference point only; if t
RCD is greater than the specified tRCD (max) limit, then access time is
controlled exclusively by t
CAC.
4. Operation with the t
RAD (max) limit insures that tRAC (max) can be met, tRAD (max) is specified as a
reference point only; if t
RAD is greater than the specified tRAD (max) limit, then access time is
controlled exclusively by t
AA.
5. Either t
OED or tCDD must be satisfied.
6. Either t
DZO or tDZC must be satisfied.
7.V
IH (min) and VIL (max) are reference levels for measuring timing of input signals. Also, transition
times are measured between V
IH (min) and VIL (max).
8. Assumes that t
RCD
t
RCD (max) and tRAD
t
RAD (max).
If t
RCD or tRAD is greater than the maximum
recommended value shown in this table, t
RAC exceeds the value shown.
9. Measured with a load circuit equivalent to 2 TTL loads and 100 pF.


Similar Part No. - HM5117400BLS-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM5117400AS7GS ETC1-HM5117400AS7GS Datasheet
34Kb / 2P
   CMOS 4194304 WORD 8-BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM5117400LS-5 HITACHI-HM5117400LS-5 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LS-6 HITACHI-HM5117400LS-6 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LS-7 HITACHI-HM5117400LS-7 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LTS-5 HITACHI-HM5117400LTS-5 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
More results

Similar Description - HM5117400BLS-6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Hitachi Semiconductor
HM514400B HITACHI-HM514400B Datasheet
235Kb / 27P
   1,048,576-word X 4-bit Dynamic Random Access Memory
logo
Texas Instruments
TMS44100 TI-TMS44100 Datasheet
383Kb / 25P
[Old version datasheet]   4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
   1048576-word x 16-bit Dynamic Random Access Memory
HM514800C HITACHI-HM514800C Datasheet
1Mb / 25P
   524,288-word X 8-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM514260C HITACHI-HM514260C Datasheet
260Kb / 27P
   262,144-word x 16-bit Dynamic Random Access Memory
HM514170C HITACHI-HM514170C Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com