Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5117400B Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HM5117400B
Description  4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5117400B Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HM5117400B Datasheet HTML 1Page - Hitachi Semiconductor HM5117400B Datasheet HTML 2Page - Hitachi Semiconductor HM5117400B Datasheet HTML 3Page - Hitachi Semiconductor HM5117400B Datasheet HTML 4Page - Hitachi Semiconductor HM5117400B Datasheet HTML 5Page - Hitachi Semiconductor HM5117400B Datasheet HTML 6Page - Hitachi Semiconductor HM5117400B Datasheet HTML 7Page - Hitachi Semiconductor HM5117400B Datasheet HTML 8Page - Hitachi Semiconductor HM5117400B Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This specification is fully compatible with the 16-Mbit DRAM specifications from TEXAS INSTRUMENTS.
HM5117400B Series
4,194,304-word
4-bit Dynamic Random Access Memory
ADE-203-369A (Z)
Rev. 1.0
Nov. 15, 1995
Description
The Hitachi HM5117400B is a CMOS dynamic RAM organized 4,194,304 word
4 bit. It employs the most
advanced CMOS technology for high performance and low power. The HM5117400B offers Fast Page Mode
as a high speed access mode.
Features
Single 5 V ( 10%)
High speed
Access time : 60 ns/ 70 ns/ 80 ns (max)
Low power dissipation
Active mode
: 605 mW/550 mW/495 mW(max)
Standby mode : 11 mW (max)
: 0.83 mW (max) (L-version)
Fast page mode capability
Long refresh period
2048 refresh cycles : 32 ms
: 128 ms (L-version)
3 variations of refresh
-only refresh
-before-
refresh
Hidden refresh
Battery backup operation (L-version)
Test function
16-bit parallel test mode


Similar Part No. - HM5117400B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM5117400AS7GS ETC1-HM5117400AS7GS Datasheet
34Kb / 2P
   CMOS 4194304 WORD 8-BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM5117400LS-5 HITACHI-HM5117400LS-5 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LS-6 HITACHI-HM5117400LS-6 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LS-7 HITACHI-HM5117400LS-7 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
HM5117400LTS-5 HITACHI-HM5117400LTS-5 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
More results

Similar Description - HM5117400B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ416400 TI-SMJ416400 Datasheet
345Kb / 22P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Hitachi Semiconductor
HM514400B HITACHI-HM514400B Datasheet
235Kb / 27P
   1,048,576-word X 4-bit Dynamic Random Access Memory
logo
Texas Instruments
TMS44100 TI-TMS44100 Datasheet
383Kb / 25P
[Old version datasheet]   4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
   1048576-word x 16-bit Dynamic Random Access Memory
HM514800C HITACHI-HM514800C Datasheet
1Mb / 25P
   524,288-word X 8-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM514260C HITACHI-HM514260C Datasheet
260Kb / 27P
   262,144-word x 16-bit Dynamic Random Access Memory
HM514170C HITACHI-HM514170C Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com