Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5117405S-7 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HM5117405S-7
Description  16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5117405S-7 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HM5117405S-7 Datasheet HTML 5Page - Hitachi Semiconductor HM5117405S-7 Datasheet HTML 6Page - Hitachi Semiconductor HM5117405S-7 Datasheet HTML 7Page - Hitachi Semiconductor HM5117405S-7 Datasheet HTML 8Page - Hitachi Semiconductor HM5117405S-7 Datasheet HTML 9Page - Hitachi Semiconductor HM5117405S-7 Datasheet HTML 10Page - Hitachi Semiconductor HM5117405S-7 Datasheet HTML 11Page - Hitachi Semiconductor HM5117405S-7 Datasheet HTML 12Page - Hitachi Semiconductor HM5117405S-7 Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
HM5116405 Series, HM5117405 Series
9
DC Characteristics
(Ta = 0 to +70 C, V
CC = 5 V
10%, V
SS = 0 V) (HM5117405 Series)
HM5117405
-5
-6
-7
Parameter
Symbol
Min Max Min Max Min Max Unit
Test conditions
Operating current*
1
, *2
I
CC1
100
90
80
mAt
RC = min
Standby currentI
CC2
2
2
2
mA
TTL interface
,
= V
IH
Dout = High-Z
1
1
1
mA
CMOS interface
,
V
CC – 0.2 V
Dout = High-Z
Standby current
(L-version)
I
CC2
150
150
150
A
CMOS interface
,
V
CC – 0.2 V
Dout = High-Z
-only refresh current*
2
I
CC3
100
90
80
mAt
RC = min
Standby current*
1
I
CC5
5
5
5
mA
= V
IH
= V
IL
Dout = enable
-before-
refresh
current
I
CC6
100
90
80
mAt
RC = min
EDO page mode current*
1, *3 I
CC7
90
80
75
mAt
HPC = min
Battery backup currentI
CC10
350
350
350
A
CMOS interface
Dout = High-Z, CBR
refresh: t
RC = 62.5
s
t
RAS
0.3 s
Input leakage currentI
LI
–10 10
–10 10
–10 10
A
0 V
Vin
7 V
Output leakage currentI
LO
–10 10
–10 10
–10 10
A
0 V
Vin
7 V
Dout = disable
Output high voltageV
OH
2.4V
CC
2.4V
CC
2.4V
CC
V
High Iout =
–2 mA
Output low voltageV
OL
0
0.4
0
0.4
0
0.4
V
Low Iout = 2 mA
Notes : 1.I
CC depends on output load condition when the device is selected.
I
CC max is specified at the
output open condition.
2. Address can be changed once or less while
= V
IL.
3. Address can be changed once or less while
= V
IH.


Similar Part No. - HM5117405S-7

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5117405S-7 ELPIDA-HM5117405S-7 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
More results

Similar Description - HM5117405S-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
HM5116100 HITACHI-HM5116100 Datasheet
217Kb / 24P
   16M FP DRAM (16-Mword x 1-bit) 4k Refresh
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com