Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C30831 Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # C30831
Description  N-Type Silicon PIN Photodetectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C30831 Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  C30831 Datasheet HTML 1Page - PerkinElmer Optoelectronics C30831 Datasheet HTML 2Page - PerkinElmer Optoelectronics C30831 Datasheet HTML 3Page - PerkinElmer Optoelectronics C30831 Datasheet HTML 4Page - PerkinElmer Optoelectronics C30831 Datasheet HTML 5Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mechanical Characteristics
Photosensitive Surface:
Shape -
All types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Circular
Area -
Type C30831 . . . . . . . . . . . . . . . . . . . . . . . . .0.2 mm2
Type C30807 . . . . . . . . . . . . . . . . . . . . . . . . .0.8 mm2
Type C30808 . . . . . . . . . . . . . . . . . . . . . . . . . .5 mm2
Type C30822 . . . . . . . . . . . . . . . . . . . . . . . . .20 mm2
Type C30809 . . . . . . . . . . . . . . . . . . . . . . . . .50 mm2
Type C30810 . . . . . . . . . . . . . . . . . . . . . . . .100 mm2
Optical Characteristics
Field of View: 1
See Figure 5
Approx.
Complete
Partial
Full Angle For -
Illuminatation
Illuminatation
Photosensitive
Photosensitive
Surface
Surface
Type C30831
70
84
deg
Type C30807
62
90
deg
Type C30808
72
120
deg
Type C30822
104
144
deg
Type C30809
74
148
deg
Type C30810
74
140
deg
Note 1. The values specified for field of view are approximate and are critically
dependent on the dimensional tolerances of the package components parts.
Type C30807
Type C30808
Type C30839
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Breakdown Voltage, VBR
100
-
-
100
-
-
100
-
-
V
Responsivity:
At 900 nm
0.5
0.6
-
0.5
0.6
-
0.5
0.6
-
A/W
At 1060 nm
0.1
0.15
-
0.1
0.15
-
0.1
0.15
-
A/W
Quantum Efficiency:
At 900 nm
70
85
-
70
83
-
70
83
-
%
At 1060 nm
12
15
-
12
17
-
12
17
-
%
Dark Current, id: See Figure 2
At VR = 10 V
-
2x10-9
1x10-8
-
5x10-9
2.5x10-8
-
2.5x10-8
1.3x10-7
A
At VR = 45V
-
1x10-8
5x10-8
-
3x10-8
1.5x10-7
-
7x10-8
3.5x10-7
A
Noise Current, In: See Figure 3
f = 1000 Hz,
∆f = 1.0 Hz
-
6x10-14
4.2x10-13
-
1x10-13
7x10-13
-
1.5x10-13
1.1x10-12
A/Hz1/2
Noise Equivalent Power (NEP):
f = 1000 Hz,
∆f = 1.0 Hz
At 900 nm
-
1x10-13
8x10-13
-
1.5x10-13 1.2x10-12
-
2x10-13
1.6x10-12
W/Hz1/2
At 1060 nm
-
4x10-13
3.2x10-12
-
6.5x10-13 5.2x10-12
-
1x10-12
8x10-12
W/Hz1/2
Capacitance, Cd: See Figure 4
-
2.5
3
-
6
10
-
35
45
pF
Rise Time, tr:
RL = 50 Ω, λ = 900 nm,
10% to 90% points
-
3
5
-
5
8
-
10
15
ns
Fall Time:
RL = 50 Ω, λ = 900 nm,
10% to 90% points
-
6
10
-
8
13
-
15
20
ns
Note 2. The recommended range of reverse operating voltage VR at TA = 22°C is 0 to 50 volts. However, when the devices are operated in the photovoltaic mode, i.e., at VR = 0
volts, some of the electrical characteristics will differ from those shown.
C30807, C30808, C30809, C30810, C30822, C30831
Electrical Characteristics at TA= 22°C At a DC Reverse Operating Voltage (VR) = 45 Volts2,
unless otherwise specified


Similar Part No. - C30831

ManufacturerPart #DatasheetDescription
logo
Powerbox
C308 POWERBOX-C308 Datasheet
376Kb / 1P
   150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Baumer IVO GmbH & Co. K...
C3080 IVO-C3080 Datasheet
83Kb / 1P
   My-Com precision switches
logo
List of Unclassifed Man...
C3088 ETC-C3088 Datasheet
37Kb / 1P
   1/4 Color Camera Module With Digital Output
logo
Eaton All Rights Reserv...
C308F EATON-C308F Datasheet
767Kb / 5P
   3 mm x 8.4 mm fast-acting, ceramic tube fuses for hazardous applications
logo
Cooper Bussmann, Inc.
C308F-V-100mA COOPER-C308F-V-100mA Datasheet
619Kb / 5P
   Ferrule and axial lead 3 x 8.4 mm fast-acting, ceramic tube fuses for barrier applications
More results

Similar Description - C30831

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D171 AGERE-D171 Datasheet
160Kb / 6P
   D171-Type FastLight ??PIN Photodetectors
logo
List of Unclassifed Man...
OSD100-E ETC1-OSD100-E Datasheet
934Kb / 2P
   SILICON PHOTODETECTORS
OSD1-E ETC1-OSD1-E Datasheet
138Kb / 2P
   Silicon Photodetectors
logo
Advanced Photonix, Inc.
SD012-11-41-211 ADVANCEDPHOTONIX-SD012-11-41-211 Datasheet
96Kb / 1P
   InGaAs Photodetectors
logo
OSRAM GmbH
SFH4512 OSRAM-SFH4512 Datasheet
160Kb / 11P
   Spectral match with silicon photodetectors
logo
Advanced Photonix, Inc.
SD008-11-41-211 ADVANCEDPHOTONIX-SD008-11-41-211 Datasheet
69Kb / 1P
   InGaAs Photodetectors
SD004-11-41-211 ADVANCEDPHOTONIX-SD004-11-41-211 Datasheet
137Kb / 1P
   InGaAs Photodetectors
SD060-11-41-211 ADVANCEDPHOTONIX-SD060-11-41-211 Datasheet
113Kb / 1P
   InGaAs Photodetectors
logo
Hamamatsu Corporation
G4176 HAMAMATSU-G4176 Datasheet
117Kb / 4P
   ULTRAFAST MSM PHOTODETECTORS
logo
Toshiba Semiconductor
1SV99 TOSHIBA-1SV99 Datasheet
141Kb / 2P
   Silicon Epitaxial Pin Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com