Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF204 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # UF204
Description  ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF204 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  UF204 Datasheet HTML 1Page - Pan Jit International Inc. UF204 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF200 THRU UF2010
ULTRAFAST SWITCHING RECTIFIER
VOLTAGE - 50 to 1000 Volts
CURRENT - 2.0 Amperes
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
l
Void-free Plastic in DO-15 package
l
2.0 ampere operation at TA=55 ¢J with no thermal runaway
l
Exceeds environmental standards of MIL-S-19500/228
l
Ultra fast switching for high efficiency
MECHANICAL DATA
Case: Molded plastic, DO-15
Terminals: Axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Band denotes cathode
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
UF200
UF201
UF202
UF204
UF206
UF208
UF2010
UNITS
Peak Reverse Voltage, Pepetitive ; VRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
DC Blocking Voltage; VR
50
100
200
400
600
800
1000
V
Average Forward Current, Io @TA=55 ¢J 3.8”
lead length, 60Hz, resistive or inductive load
2.0
A
Peak Forward Surge Current IFM (surge)
8.3msec. single half sine-wave
superimposed on rated load (JEDEC method)
60
A
Maximum Forward Voltage VF @2.0A, 25 ¢J
1.00
1.10
1.70
V
Maximum Reverse Current, @ Rated TJ=25 ¢J
Reverse Voltage TJ=100 ¢J
10.0
500
£g A
£g A
Typical Junction capacitance (Note 1) CJ
35
PF
Typical Junction Resistance (Note 2) R £KJA
45
¢J /W
Reverse Recovery Time
IF=.5A, IR=1A, Irr=.25A
50
50
50
50
75
75
75
ns
Operating and Storage Temperature Range
-55 TO +150
¢J
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Thermal resistance from junction to ambient and from junction to lead length 0.375”(9.5mm) P.C.B. mounted
DO-15


Similar Part No. - UF204

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
UF204 TRSYS-UF204 Datasheet
153Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Chongqing Pingwei Enter...
UF204 CHONGQING-UF204 Datasheet
193Kb / 1P
   2.0AMPS. SILICON ULTRA FAST RECTIFIERS
logo
Pan Jit International I...
UF204 PANJIT-UF204 Datasheet
35Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Nanjing International G...
UF204 DGNJDZ-UF204 Datasheet
110Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
List of Unclassifed Man...
UF204 ETC2-UF204 Datasheet
515Kb / 2P
   Ultra Fast Recovery Rectifier
More results

Similar Description - UF204

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
UF200G YEASHIN-UF200G Datasheet
38Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
UF200 YEASHIN-UF200 Datasheet
36Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
logo
Pan Jit International I...
UF150 PANJIT-UF150 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Yea Shin Technology Co....
UF300G YEASHIN-UF300G Datasheet
44Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
UF300 YEASHIN-UF300 Datasheet
38Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
logo
Pan Jit International I...
UF300 PANJIT-UF300 Datasheet
68Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
PS200R PANJIT-PS200R Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
UF201 DAESAN-UF201 Datasheet
283Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com