Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM120DSK57T3 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTM120DSK57T3
Description  Dual Buck chopper MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM120DSK57T3 Datasheet(HTML) 2 Page - Advanced Power Technology

  APTM120DSK57T3 Datasheet HTML 1Page - Advanced Power Technology APTM120DSK57T3 Datasheet HTML 2Page - Advanced Power Technology APTM120DSK57T3 Datasheet HTML 3Page - Advanced Power Technology APTM120DSK57T3 Datasheet HTML 4Page - Advanced Power Technology APTM120DSK57T3 Datasheet HTML 5Page - Advanced Power Technology APTM120DSK57T3 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTM120DSK57T3
APT website – http://www.advancedpower.com
2 – 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
BVDSS
Drain - Source Breakdown Voltage
VGS = 0V, ID = 250µA
1200
V
VGS = 0V,VDS = 1200V
Tj = 25°C
100
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 1000V
Tj = 125°C
500
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 8.5A
570
m
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 2.5mA
3
5
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±100
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
5155
Coss
Output Capacitance
770
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
130
pF
Qg
Total gate Charge
187
Qgs
Gate – Source Charge
24
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 600V
ID = 17A
120
nC
Td(on)
Turn-on Delay Time
20
Tr
Rise Time
15
Td(off)
Turn-off Delay Time
160
Tf
Fall Time
Inductive switching @ 125°C
VGS = 15V
VBus = 800V
ID = 17A
RG = 5Ω
45
ns
Eon
Turn-on Switching Energy
990
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 800V
ID = 17A, RG = 5Ω
685
µJ
Eon
Turn-on Switching Energy
1565
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 800V
ID = 17A, RG = 5Ω
857
µJ
Reverse diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
500
µA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 80°C
25
A
Tj = 25°C
2.3
2.8
VF
Diode Forward Voltage
IF = 25A
VGE = 0V
Tj = 125°C
1.8
V
trr
Reverse Recovery Time
Tj = 125°C
0.13
µs
Tj = 25°C
2.3
Qrr
Reverse Recovery Charge
IF = 25A
VR = 600V
di/dt =800A/µs
Tj = 125°C
6
µC
Eon includes diode reverse recovery.
In accordance with JEDEC standard JESD24-1.


Similar Part No. - APTM120DSK57T3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM120DSK57T3G MICROSEMI-APTM120DSK57T3G Datasheet
292Kb / 6P
   Dual Buck chopper MOSFET Power Module
More results

Similar Description - APTM120DSK57T3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100DSK35T3G MICROSEMI-APTM100DSK35T3G Datasheet
292Kb / 6P
   Dual Buck chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM10DSKM19T3 ADPOW-APTM10DSKM19T3 Datasheet
316Kb / 6P
   Dual Buck chopper MOSFET Power Module
APTM100DSK35T3 ADPOW-APTM100DSK35T3 Datasheet
320Kb / 6P
   Dual Buck chopper MOSFET Power Module
logo
Microsemi Corporation
APTM10DSKM09T3G MICROSEMI-APTM10DSKM09T3G Datasheet
287Kb / 6P
   Dual Buck chopper MOSFET Power Module
APTM10DSKM19T3G MICROSEMI-APTM10DSKM19T3G Datasheet
287Kb / 6P
   Dual Buck chopper MOSFET Power Module
APTM120DSK57T3G MICROSEMI-APTM120DSK57T3G Datasheet
292Kb / 6P
   Dual Buck chopper MOSFET Power Module
APTM50DSK10T3G MICROSEMI-APTM50DSK10T3G Datasheet
295Kb / 7P
   Dual Buck chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM10DSKM09T3 ADPOW-APTM10DSKM09T3 Datasheet
316Kb / 6P
   Dual Buck chopper MOSFET Power Module
APTM50DSK10T3 ADPOW-APTM50DSK10T3 Datasheet
322Kb / 6P
   Dual Buck chopper MOSFET Power Module
APTM50DSKM65T3 ADPOW-APTM50DSKM65T3 Datasheet
321Kb / 6P
   Dual Buck chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com