Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM20DAM08TG Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTM20DAM08TG
Description  Boost chopper MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM20DAM08TG Datasheet(HTML) 1 Page - Advanced Power Technology

  APTM20DAM08TG Datasheet HTML 1Page - Advanced Power Technology APTM20DAM08TG Datasheet HTML 2Page - Advanced Power Technology APTM20DAM08TG Datasheet HTML 3Page - Advanced Power Technology APTM20DAM08TG Datasheet HTML 4Page - Advanced Power Technology APTM20DAM08TG Datasheet HTML 5Page - Advanced Power Technology APTM20DAM08TG Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM20DAM08TG
APT website – http://www.advancedpower.com
1 – 6
CR1
VBUS
NTC2
0/VBU S
VBUS SENSE
G2
S2
NTC1
Q2
OUT
VBUS
OUT
OUT
NTC2
NTC1
0/VBUS
S2
S2
G2
G2
VBUS
SENSE
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
200
V
Tc= 25°C
208
ID
Continuous Drain Current
Tc = 80°C
155
IDM
Pulsed Drain current
832
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
10
m
PD
Maximum Power Dissipation
Tc = 25°C
781
W
IAR
Avalanche current (repetitive and non repetitive)
100
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 200V
RDSon = 8mΩ typ @ Tj = 25°C
ID = 208A @ Tc = 25°C
Application
AC and DC motor control
Switched Mode Power Supplies
Power Factor Correction
Features
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
Internal thermistor for temperature monitoring
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Low profile
RoHS compliant
Boost chopper
MOSFET Power Module


Similar Part No. - APTM20DAM08TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM20DAM08TG MICROSEMI-APTM20DAM08TG Datasheet
289Kb / 6P
   Boost chopper MOSFET Power Module
More results

Similar Description - APTM20DAM08TG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100DAM90G MICROSEMI-APTM100DAM90G Datasheet
272Kb / 6P
   Boost chopper MOSFET Power Module
APTM120DA15G MICROSEMI-APTM120DA15G Datasheet
271Kb / 6P
   Boost chopper MOSFET Power Module
APTM50DAM35TG MICROSEMI-APTM50DAM35TG Datasheet
286Kb / 6P
   Boost Chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM10DAM05T ADPOW-APTM10DAM05T Datasheet
308Kb / 6P
   Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20DAM04G MICROSEMI-APTM20DAM04G Datasheet
272Kb / 6P
   Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DAM04 ADPOW-APTM20DAM04 Datasheet
285Kb / 6P
   Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20DAM08TG MICROSEMI-APTM20DAM08TG Datasheet
289Kb / 6P
   Boost chopper MOSFET Power Module
APTM100DA33T1G MICROSEMI-APTM100DA33T1G Datasheet
151Kb / 5P
   Boost chopper MOSFET Power Module
APTM100DA40T1G MICROSEMI-APTM100DA40T1G Datasheet
151Kb / 5P
   Boost chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM20DAM10T ADPOW-APTM20DAM10T Datasheet
301Kb / 6P
   Boost chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com