Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSP065SC Datasheet(PDF) 7 Page - Pan Jit International Inc.

Part # TSP065SC
Description  SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TSP065SC Datasheet(HTML) 7 Page - Pan Jit International Inc.

  TSP065SC Datasheet HTML 1Page - Pan Jit International Inc. TSP065SC Datasheet HTML 2Page - Pan Jit International Inc. TSP065SC Datasheet HTML 3Page - Pan Jit International Inc. TSP065SC Datasheet HTML 4Page - Pan Jit International Inc. TSP065SC Datasheet HTML 5Page - Pan Jit International Inc. TSP065SC Datasheet HTML 6Page - Pan Jit International Inc. TSP065SC Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PAGE 7
Ver: June 2001
TSP058SC - TSP320SC
© Copyright PanjIt International Inc. 2001
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may changed without notice. No liability will be
accepted by the publisher for any consequence of its use.
Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
PanJit Internatioal Inc.
http://www.panjit.com.tw
email: sales@panjit.com.tw
TYPICAL CAPACITANCE V.S. OFF-STATE VOLTAGE
f=1 MHZ
v =15mV
AC
dRMS
T= 25 C
J
O
0.1
1
10
100
10
20
30
40
50
60
70
V Off-state Voltage (V)
D
TSP075SC
TSP120SC
TSP140SC
TSP190SC
TYPICAL CAPACITANCE V.S. RATED REPETITIVE OFF-STATE VOLTAGE
f=1 MHZ
V =0VoltsDC
D
T= 25 C
J
O
v =15mV
AC
dRMS
50
100
150
200
250
300
350
20
30
40
50
60
70
80
90
Cseriesdevice
Bseriesdevice
Aseriesdevice
V
(V)
DRM
0
20
40
60
80
100
120
140
0.01
0.1
1
10
100
150
0.001
0.0001
T( C )
J
O
TYPICAL OFF-STATE CURRENT V.S JUNCTION TEMPERATURE
TSP220SB
TSP220SB
TSP220SC
RATING AND CHARACTERISTIC CURVES
IMPORTANT NOTICE
This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation of the device in the
application. It will help the customer's technical experts determine that the device is compatible and interchangeable with similar devices
made by other vendors. The information in this data sheet is believed to be reliable and accurate. The specifications and information
herein are subject to change without notice. New products and improvements in products and their characterization are constantly in
process. This provides a superior performing and the highest value product. The factory should be consulted for the most recent informa-
tion and for any special characteristics not described or specified.


Similar Part No. - TSP065SC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP065SA PANJIT-TSP065SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP065SB PANJIT-TSP065SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results

Similar Description - TSP065SC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058B PANJIT-TSP058B Datasheet
117Kb / 7P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058A PANJIT-TSP058A Datasheet
87Kb / 6P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058C PANJIT-TSP058C Datasheet
116Kb / 7P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com