Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT300SK60 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGT300SK60
Description  Buck chopper Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT300SK60 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGT300SK60 Datasheet HTML 1Page - Advanced Power Technology APTGT300SK60 Datasheet HTML 2Page - Advanced Power Technology APTGT300SK60 Datasheet HTML 3Page - Advanced Power Technology APTGT300SK60 Datasheet HTML 4Page - Advanced Power Technology APTGT300SK60 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGT300SK60
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Q1
G1
0/VBUS
OUT
E1
CR2
VBUS
VBUS
OUT
0/VBUS
E1
G1
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
TC= 25°C
430
IC
Continuous Collector Current
TC= 80°C
300
ICM
Pulsed Collector Current
TC= 25°C
500
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
1150
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 150°C
600A @ 550V
VCES = 600V
IC = 300A @ Tc = 80°C
Application
AC and DC motor control
Switched Mode Power Supplies
Features
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
Benefits
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Low profile
Buck chopper
Trench + Field Stop IGBT®
Power Module


Similar Part No. - APTGT300SK60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT300SK60D3G MICROSEMI-APTGT300SK60D3G Datasheet
214Kb / 5P
   Buck Chopper Trench Field Stop IGBT Power Module
APTGT300SK60D3G MICROSEMI-APTGT300SK60D3G Datasheet
223Kb / 5P
   Buck Chopper Trench Field Stop IGBT3 Power Module
APTGT300SK60D3G MICROSEMI-APTGT300SK60D3G_11 Datasheet
223Kb / 5P
   Buck Chopper Trench Field Stop IGBT3 Power Module
APTGT300SK60G MICROSEMI-APTGT300SK60G Datasheet
245Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT300SK60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50SK170TG MICROSEMI-APTGT50SK170TG Datasheet
259Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT225SK170 ADPOW-APTGT225SK170 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT300SK170 ADPOW-APTGT300SK170 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT450SK60 ADPOW-APTGT450SK60 Datasheet
269Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT150SK170G MICROSEMI-APTGT150SK170G Datasheet
246Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT100SK60T3AG MICROSEMI-APTGT100SK60T3AG Datasheet
204Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT600SK60G MICROSEMI-APTGT600SK60G Datasheet
247Kb / 6P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50SK170T ADPOW-APTGT50SK170T Datasheet
280Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT200SK60T ADPOW-APTGT200SK60T Datasheet
279Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
APTGT600SK60 ADPOW-APTGT600SK60 Datasheet
270Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT200SK60T3AG MICROSEMI-APTGT200SK60T3AG Datasheet
207Kb / 5P
   Buck chopper Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com