Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT300DA170 Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APTGT300DA170
Description  Boost chopper Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT300DA170 Datasheet(HTML) 5 Page - Advanced Power Technology

  APTGT300DA170 Datasheet HTML 1Page - Advanced Power Technology APTGT300DA170 Datasheet HTML 2Page - Advanced Power Technology APTGT300DA170 Datasheet HTML 3Page - Advanced Power Technology APTGT300DA170 Datasheet HTML 4Page - Advanced Power Technology APTGT300DA170 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT300DA170
APT website – http://www.advancedpower.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=125°C
0
100
200
300
400
500
600
00.511.5
22.5
3
V
F (V)
hard
switching
ZCS
ZVS
0
5
10
15
20
0
80
160
240
320
400
480
I
C (A)
VCE=900V
D=50%
RG=2.2Ω
TJ=125°C
TC=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT300DA170

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT300DA170D3 ADPOW-APTGT300DA170D3 Datasheet
197Kb / 3P
   Boost chopper Trench IGBT Power Module
logo
Microsemi Corporation
APTGT300DA170D3G MICROSEMI-APTGT300DA170D3G Datasheet
219Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT300DA170G MICROSEMI-APTGT300DA170G Datasheet
246Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT300DA170

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50DA170TG MICROSEMI-APTGT50DA170TG Datasheet
258Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT450DA60G MICROSEMI-APTGT450DA60G Datasheet
244Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150DA170 ADPOW-APTGT150DA170 Datasheet
269Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100DA60TG MICROSEMI-APTGT100DA60TG Datasheet
257Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT150DA120D1G MICROSEMI-APTGT150DA120D1G Datasheet
185Kb / 4P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT400DA120D3G MICROSEMI-APTGT400DA120D3G Datasheet
218Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT300DA60D3G MICROSEMI-APTGT300DA60D3G Datasheet
214Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT600DA60G MICROSEMI-APTGT600DA60G Datasheet
245Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT200DA170D3G MICROSEMI-APTGT200DA170D3G Datasheet
218Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT400DA60D3G MICROSEMI-APTGT400DA60D3G Datasheet
215Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
APTGT150DA170G MICROSEMI-APTGT150DA170G Datasheet
245Kb / 5P
   Boost chopper Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com