Part Name
         Description
APTGT225DA170

 Boost chopper Trench + Field Stop IGBT Power Module ( 5 Page)


ADPOW
100% 
Zoom Out Zoom In
   
 5 page
background image
APTGT225DA170
APT website – http://www.advancedpower.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=125°C
0
50
100
150
200
250
300
350
400
450
00.5
1
1.522.5
3
V
F (V)
hard
switching
ZCS
ZVS
0
5
10
15
20
0
60
120
180
240
300
360
I
C (A)
VCE=900V
D=50%
RG=3.3Ω
TJ=125°C
TC=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.04
0.08
0.12
0.16
0.2
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APTGT50DA170TBoost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT50DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT75DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT100DA170TBoost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT100DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT150DA170Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT300DA170Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT20DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT30DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT300SK60Buck chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl