Part Name
         Description
APTGT225DA170

 Boost chopper Trench + Field Stop IGBT Power Module ( 5 Page)


ADPOW
100% 
Zoom Out Zoom In
   
 1 page
background image
APTGT225DA170
APT website – http://www.advancedpower.com
1 - 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1700
V
TC= 25°C
340
IC
Continuous Collector Current
TC= 80°C
225
ICM
Pulsed Collector Current
TC= 25°C
450
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
1250
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 125°C
450A @ 1600V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
G2
E2
Q2
0/VBUS
OUT
CR1
VBUS
VBUS
OUT
0/VBUS
G2
E2
VCES = 1700V
IC = 225A @ Tc = 80°C
Application
AC and DC motor control
Switched Mode Power Supplies
Power Factor Correction
Features
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
Benefits
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
Low profile
Boost chopper
Trench + Field Stop IGBT®
Power Module



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APTGT50DA170TBoost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT50DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT75DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT100DA170TBoost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT100DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT150DA170Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT300DA170Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT20DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT30DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT300SK60Buck chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl