Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT200DH120 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTGT200DH120
Description  Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT200DH120 Datasheet(HTML) 3 Page - Advanced Power Technology

  APTGT200DH120 Datasheet HTML 1Page - Advanced Power Technology APTGT200DH120 Datasheet HTML 2Page - Advanced Power Technology APTGT200DH120 Datasheet HTML 3Page - Advanced Power Technology APTGT200DH120 Datasheet HTML 4Page - Advanced Power Technology APTGT200DH120 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTGT200DH120
APT website – http://www.advancedpower.com
3 - 5
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.14
RthJC
Junction to Case
Diode
0.25
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
Package outline (dimensions in mm)


Similar Part No. - APTGT200DH120

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT200DH120G MICROSEMI-APTGT200DH120G Datasheet
250Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT200DH120

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT100DH120TG ADPOW-APTGT100DH120TG Datasheet
283Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT150DH120 ADPOW-APTGT150DH120 Datasheet
272Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT50DH120T ADPOW-APTGT50DH120T Datasheet
280Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50DH120T3G MICROSEMI-APTGT50DH120T3G Datasheet
206Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT100DH120TG MICROSEMI-APTGT100DH120TG Datasheet
258Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT150DH120G MICROSEMI-APTGT150DH120G Datasheet
250Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT50DH120TG MICROSEMI-APTGT50DH120TG Datasheet
260Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT75DH120TG MICROSEMI-APTGT75DH120TG Datasheet
259Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT200DH120G MICROSEMI-APTGT200DH120G Datasheet
250Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT75DH120T3G MICROSEMI-APTGT75DH120T3G Datasheet
206Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com