Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSP058B Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # TSP058B
Description  AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TSP058B Datasheet(HTML) 6 Page - Pan Jit International Inc.

  TSP058B Datasheet HTML 1Page - Pan Jit International Inc. TSP058B Datasheet HTML 2Page - Pan Jit International Inc. TSP058B Datasheet HTML 3Page - Pan Jit International Inc. TSP058B Datasheet HTML 4Page - Pan Jit International Inc. TSP058B Datasheet HTML 5Page - Pan Jit International Inc. TSP058B Datasheet HTML 6Page - Pan Jit International Inc. TSP058B Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PAGE 6
Ver: June 2001
TSP058B - TSP320B
DEVICE MARKING CODE
ORDER & PACKING INFORMATION
e
c
i
v
e
D
g
n
i
k
c
a
P
y
t
'
Q
r
e
d
r
O
.
n
i
M
s
A
r
e
d
r
O
k
r
a
m
e
R
B
x
x
x
P
S
T
l
e
e
R
&
e
p
a
T
"
3
1
s
c
p
0
0
0
,
4
B
x
x
x
P
S
T
g
n
i
k
c
a
P
d
r
a
d
n
a
t
S
k
l
u
Bs
c
p
0
0
0
,
1B
-
B
x
x
x
P
S
T
n
o
i
t
i
n
u
m
m
A
s
c
p
0
0
0
,
3
B
/
T
-
B
x
x
x
P
S
T
Marking code
PanJit logo
Last digit of calendar year
Y
1st line:
2nd line:
Weekly
WW
Production line
P
PEC
r
e
b
m
u
N
t
r
a
P
e
d
o
C
g
n
i
k
r
a
M
B
8
5
0
P
S
T
B
8
5
0
P
S
T
B
5
6
0
P
S
TB
5
6
0
P
S
T
B
5
7
0
P
S
T
B
5
7
0
P
S
T
B
0
9
0
P
S
TB
0
9
0
P
S
T
B
0
2
1
P
S
T
B
0
2
1
P
S
T
B
0
4
1
P
S
TB
0
4
1
P
S
T
B
0
6
1
P
S
T
B
0
6
1
P
S
T
B
0
9
1
P
S
TB
0
9
1
P
S
T
B
0
2
2
P
S
T
B
0
2
2
P
S
T
B
5
7
2
P
S
TB
5
7
2
P
S
T
B
0
2
3
P
S
T
B
0
2
3
P
S
T


Similar Part No. - TSP058B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058A PANJIT-TSP058A Datasheet
87Kb / 6P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058C PANJIT-TSP058C Datasheet
116Kb / 7P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results

Similar Description - TSP058B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058A PANJIT-TSP058A Datasheet
87Kb / 6P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058C PANJIT-TSP058C Datasheet
116Kb / 7P
   AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
logo
First Components Intern...
TSP110AL FCI-TSP110AL Datasheet
110Kb / 3P
   THYRISTOR SURGE PROTECTOR AXIAL LEAD TYPE
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com