Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT150A120 Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APTGT150A120
Description  Phase leg Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT150A120 Datasheet(HTML) 5 Page - Advanced Power Technology

  APTGT150A120 Datasheet HTML 1Page - Advanced Power Technology APTGT150A120 Datasheet HTML 2Page - Advanced Power Technology APTGT150A120 Datasheet HTML 3Page - Advanced Power Technology APTGT150A120 Datasheet HTML 4Page - Advanced Power Technology APTGT150A120 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT150A120
APT website – http://www.advancedpower.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=25°C
TJ=125°C
TJ=125°C
0
50
100
150
200
250
300
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Hard
switching
ZCS
ZVS
0
10
20
30
40
50
60
0
40
80
120
160
200
240
IC (A)
VCE=600V
D=50%
RG=2.2Ω
TJ=125°C
Tc=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT150A120

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT150A120D1 ADPOW-APTGT150A120D1 Datasheet
185Kb / 3P
   Phase leg Trench IGBT Power Module
logo
Microsemi Corporation
APTGT150A120D1G MICROSEMI-APTGT150A120D1G Datasheet
187Kb / 4P
   Phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150A120D3 ADPOW-APTGT150A120D3 Datasheet
201Kb / 3P
   Phase leg Trench IGBT Power Module
logo
Microsemi Corporation
APTGT150A120G MICROSEMI-APTGT150A120G Datasheet
245Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150A120T ADPOW-APTGT150A120T Datasheet
279Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT150A120

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT100A120TG MICROSEMI-APTGT100A120TG Datasheet
257Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT200A120G MICROSEMI-APTGT200A120G Datasheet
245Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT300A120G MICROSEMI-APTGT300A120G Datasheet
245Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT300A120G MICROSEMI-APTGT300A120G_09 Datasheet
154Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT300A120 ADPOW-APTGT300A120 Datasheet
271Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT50A120T ADPOW-APTGT50A120T Datasheet
279Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50A120TG MICROSEMI-APTGT50A120TG Datasheet
258Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT150A120TG MICROSEMI-APTGT150A120TG Datasheet
258Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT100A120T ADPOW-APTGT100A120T Datasheet
279Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT75A120TG MICROSEMI-APTGT75A120TG Datasheet
258Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT400A120 ADPOW-APTGT400A120 Datasheet
271Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com