Part Name
         Description
APTGT100DA170T

 Boost chopper Trench + Field Stop IGBT Power Module ( 5 Page)


ADPOW
100% 
Zoom Out Zoom In
   
 3 page
background image
APTGT100DA170T
APT website – http://www.advancedpower.com
3 - 5
Temperature sensor NTC (see application note APT0406 on www.advancedpower.com for more information).
Symbol Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
B 25/85
T25 = 298.15 K
3952
K


=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.22
RthJC
Junction to Case
Diode
0.39
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
3400
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To Heatsink
M5
1.5
4.7
N.m
Wt
Package Weight
160
g
Package outline (dimensions in mm)
T: Thermistor temperature
RT: Thermistor value at T



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APTGT50DA170TBoost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT50DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT75DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT100DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT150DA170Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT225DA170Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT300DA170Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT20DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT30DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT300SK60Buck chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl