Part Name
         Description
APTGT100DA170T

 Boost chopper Trench + Field Stop IGBT Power Module ( 5 Page)


ADPOW
100% 
Zoom Out Zoom In
   
 2 page
background image
APTGT100DA170T
APT website – http://www.advancedpower.com
2 - 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1700V
350
µA
Tj = 25°C
2.0
2.4
VCE(sat)
Collector Emitter Saturation Voltage
VGE = 15V
IC = 100A
Tj = 125°C
2.4
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 2mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
500
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
9
Coes
Output Capacitance
0.36
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
0.3
nF
Td(on)
Turn-on Delay Time
370
Tr
Rise Time
40
Td(off)
Turn-off Delay Time
650
Tf
Fall Time
Inductive Switching (25°C)
VGE = 15V
VBus = 900V
IC = 100A
RG = 4.7 Ω
180
ns
Td(on)
Turn-on Delay Time
400
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
800
Tf
Fall Time
300
ns
Eon
Turn-on Switching Energy
32
Eoff
Turn-off Switching Energy
Inductive Switching (125°C)
VGE = 15V
VBus = 900V
IC = 100A
RG = 4.7 Ω
31
mJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1700
V
Tj = 25°C
350
IRM
Maximum Reverse Leakage Current
VR=1700V
Tj = 125°C
600
µA
IF(AV)
Maximum Average Forward Current
50% duty cycle
Tc = 80°C
100
A
Tj = 25°C
1.8
2.2
VF
Diode Forward Voltage
IF = 100A
Tj = 125°C
1.9
V
Tj = 25°C
385
trr
Reverse Recovery Time
Tj = 125°C
490
ns
Tj = 25°C
28
Qrr
Reverse Recovery Charge
IF = 100A
VR = 900V
di/dt =1600A/µs
Tj = 125°C
46
µC



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APTGT50DA170TBoost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT50DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT75DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT100DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT150DA170Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT225DA170Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT300DA170Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT20DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT30DDA60T3Dual Boost chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology
APTGT300SK60Buck chopper Trench + Field Stop IGBT Power Module 1 2 3 4 5 Advanced Power Technology

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl