Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT75TA120P Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APTGT75TA120P
Description  Triple phase leg Trench IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT75TA120P Datasheet(HTML) 3 Page - Advanced Power Technology

  APTGT75TA120P Datasheet HTML 1Page - Advanced Power Technology APTGT75TA120P Datasheet HTML 2Page - Advanced Power Technology APTGT75TA120P Datasheet HTML 3Page - Advanced Power Technology APTGT75TA120P Datasheet HTML 4Page - Advanced Power Technology APTGT75TA120P Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTGT75TA120P
APT website – http://www.advancedpower.com
3 - 5
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.35
RthJC
Junction to Case
Diode
0.58
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To heatsink
M6
3
5
N.m
Wt
Package Weight
250
g
Package outline
5 places (3:1)


Similar Part No. - APTGT75TA120P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT75TA120PG MICROSEMI-APTGT75TA120PG Datasheet
258Kb / 5P
   Triple phase leg Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT75TA120P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT50TA170P ADPOW-APTGT50TA170P Datasheet
288Kb / 5P
   Triple phase leg Trench IGBT Power Module
logo
Microsemi Corporation
APTGT100TA60PG MICROSEMI-APTGT100TA60PG Datasheet
258Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT75TA60P ADPOW-APTGT75TA60P Datasheet
283Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT75TA60PG MICROSEMI-APTGT75TA60PG Datasheet
257Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT150TA60PG MICROSEMI-APTGT150TA60PG Datasheet
258Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150TA60P ADPOW-APTGT150TA60P Datasheet
283Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50TA60PG MICROSEMI-APTGT50TA60PG Datasheet
257Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT50TA170PG MICROSEMI-APTGT50TA170PG Datasheet
259Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50TA60P ADPOW-APTGT50TA60P Datasheet
285Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT100TA60P ADPOW-APTGT100TA60P Datasheet
284Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com