Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT50TA170P Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APTGT50TA170P
Description  Triple phase leg Trench IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT50TA170P Datasheet(HTML) 4 Page - Advanced Power Technology

  APTGT50TA170P Datasheet HTML 1Page - Advanced Power Technology APTGT50TA170P Datasheet HTML 2Page - Advanced Power Technology APTGT50TA170P Datasheet HTML 3Page - Advanced Power Technology APTGT50TA170P Datasheet HTML 4Page - Advanced Power Technology APTGT50TA170P Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGT50TA170P
APT website – http://www.advancedpower.com
4 - 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=125°C
0
25
50
75
100
125
0
0.5
1
1.5
2
2.5
3
3.5
4
VCE (V)
Output Characteristics
VGE=15V
VGE=13V
VGE=17V
VGE=9V
0
25
50
75
100
012345
VCE (V)
TJ = 125°C
Transfert Characteristics
TJ=25°C
TJ=125°C
0
25
50
75
100
125
56789
10
11
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
0
20
40
60
80
100
0
25
50
75
100
125
IC (A)
VCE = 900V
VGE = 15V
RG = 22 Ω
TJ = 125°C
Eon
Eoff
0
25
50
75
100
125
0
20
406080
Gate Resistance (ohms)
VCE = 900V
VGE =15V
IC = 50A
TJ = 125°C
Switching Energy Losses vs Gate Resistance
Reverse Safe Operating Area
0
20
40
60
80
100
120
0
400
800
1200
1600
VCE (V)
VGE=15V
TJ=125°C
RG=22 Ω
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
IGBT


Similar Part No. - APTGT50TA170P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50TA170PG MICROSEMI-APTGT50TA170PG Datasheet
259Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT50TA170P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75TA120P ADPOW-APTGT75TA120P Datasheet
290Kb / 5P
   Triple phase leg Trench IGBT Power Module
logo
Microsemi Corporation
APTGT100TA60PG MICROSEMI-APTGT100TA60PG Datasheet
258Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT75TA60P ADPOW-APTGT75TA60P Datasheet
283Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT75TA60PG MICROSEMI-APTGT75TA60PG Datasheet
257Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT150TA60PG MICROSEMI-APTGT150TA60PG Datasheet
258Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150TA60P ADPOW-APTGT150TA60P Datasheet
283Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50TA60PG MICROSEMI-APTGT50TA60PG Datasheet
257Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT50TA170PG MICROSEMI-APTGT50TA170PG Datasheet
259Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50TA60P ADPOW-APTGT50TA60P Datasheet
285Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT100TA60P ADPOW-APTGT100TA60P Datasheet
284Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com