Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT50DH120T Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APTGT50DH120T
Description  Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT50DH120T Datasheet(HTML) 5 Page - Advanced Power Technology

  APTGT50DH120T Datasheet HTML 1Page - Advanced Power Technology APTGT50DH120T Datasheet HTML 2Page - Advanced Power Technology APTGT50DH120T Datasheet HTML 3Page - Advanced Power Technology APTGT50DH120T Datasheet HTML 4Page - Advanced Power Technology APTGT50DH120T Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT50DH120T
APT website – http://www.advancedpower.com
5 - 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=125°C
0
25
50
75
100
125
150
00.5
11.5
22.5
VF (V)
hard
switching
ZCS
ZVS
0
10
20
30
40
50
60
70
80
0
1020
304050
6070
80
IC (A)
VCE=600V
D=50%
RG=18Ω
TJ=125°C
TC=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT50DH120T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT50DH120T3G MICROSEMI-APTGT50DH120T3G Datasheet
206Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT50DH120TG MICROSEMI-APTGT50DH120TG Datasheet
260Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT50DH120T

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT100DH120TG ADPOW-APTGT100DH120TG Datasheet
283Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT150DH120 ADPOW-APTGT150DH120 Datasheet
272Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50DH120T3G MICROSEMI-APTGT50DH120T3G Datasheet
206Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT200DH120 ADPOW-APTGT200DH120 Datasheet
272Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100DH120TG MICROSEMI-APTGT100DH120TG Datasheet
258Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT150DH120G MICROSEMI-APTGT150DH120G Datasheet
250Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT50DH120TG MICROSEMI-APTGT50DH120TG Datasheet
260Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT75DH120TG MICROSEMI-APTGT75DH120TG Datasheet
259Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT200DH120G MICROSEMI-APTGT200DH120G Datasheet
250Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT75DH120T3G MICROSEMI-APTGT75DH120T3G Datasheet
206Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com