Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGF50DDA60T3G Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APTGF50DDA60T3G
Description  Dual Boost Chopper NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF50DDA60T3G Datasheet(HTML) 4 Page - Advanced Power Technology

  APTGF50DDA60T3G Datasheet HTML 1Page - Advanced Power Technology APTGF50DDA60T3G Datasheet HTML 2Page - Advanced Power Technology APTGF50DDA60T3G Datasheet HTML 3Page - Advanced Power Technology APTGF50DDA60T3G Datasheet HTML 4Page - Advanced Power Technology APTGF50DDA60T3G Datasheet HTML 5Page - Advanced Power Technology APTGF50DDA60T3G Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTGF50DDA60T3G
APT website – http://www.advancedpower.com
4 - 6
Typical Performance Curve
Output characteristics (VGE=15V)
TJ=-55°C
TJ=25°C
TJ=125°C
0
50
100
150
01234
VCE, Collector to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Transfer Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
25
50
75
100
125
150
01
234
5
678
9
10
VGE, Gate to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Ic=100A
Ic=50A
Ic=25A
0
1
2
3
4
5
6
7
8
6
8
10
12
14
16
VGE, Gate to Emitter Voltage (V)
On state Voltage vs Gate to Emitter Volt.
TJ = 25°C
250µs Pulse Test
< 0.5% Duty cycle
Ic=100A
Ic=50A
Ic=25A
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
TJ, Junction Temperature (°C)
On state Voltage vs Junction Temperature
250µs Pulse Test
< 0.5% Duty cycle
VGE = 15V
0.70
0.80
0.90
1.00
1.10
1.20
-50
-25
0
25
50
75
100 125
TJ, Junction Temperature (°C)
Breakdown Voltage vs Junction Temp.
0
10
20
30
40
50
60
70
80
-50 -25
0
25
50
75 100 125 150
TC, Case Temperature (°C)
DC Collector Current vs Case Temperature
Gate Charge
VCE=120V
VCE=300V
VCE=480V
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100 125 150 175 200
Gate Charge (nC)
IC = 50A
TJ = 25°C
Output Characteristics (VGE=10V)
TJ=-55°C
TJ=25°C
TJ=125°C
0
50
100
150
0
123
4
VCE, Collector to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle


Similar Part No. - APTGF50DDA60T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50DDA60T3G MICROSEMI-APTGF50DDA60T3G Datasheet
292Kb / 6P
   Dual Boost Chopper NPT IGBT Power Module
More results

Similar Description - APTGF50DDA60T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF90VDA60T3G MICROSEMI-APTGF90VDA60T3G Datasheet
209Kb / 5P
   Dual Boost chopper NPT IGBT Power Module
APTGF50VDA60T3G MICROSEMI-APTGF50VDA60T3G Datasheet
229Kb / 6P
   Dual Boost Chopper NPT IGBT Power Module
APTGF50VDA120T3G MICROSEMI-APTGF50VDA120T3G Datasheet
248Kb / 7P
   Dual Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF25DDA120T3 ADPOW-APTGF25DDA120T3 Datasheet
319Kb / 6P
   Dual Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF75DDA120TG MICROSEMI-APTGF75DDA120TG Datasheet
255Kb / 5P
   Dual Boost Chopper NPT IGBT Power Module
APTGF50DDA60T3G MICROSEMI-APTGF50DDA60T3G Datasheet
292Kb / 6P
   Dual Boost Chopper NPT IGBT Power Module
APTGF25DDA120T3G MICROSEMI-APTGF25DDA120T3G Datasheet
289Kb / 6P
   Dual Boost Chopper NPT IGBT Power Module
APTGF50DDA120T3G MICROSEMI-APTGF50DDA120T3G Datasheet
248Kb / 7P
   Dual Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF75DDA120T ADPOW-APTGF75DDA120T Datasheet
276Kb / 5P
   Dual Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF90DDA60T3G MICROSEMI-APTGF90DDA60T3G Datasheet
209Kb / 5P
   Dual Boost chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com