Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHW607-4 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MHW607-4
Description  The RF Line VHF Power Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW607-4 Datasheet(HTML) 2 Page - Motorola, Inc

  MHW607-4 Datasheet HTML 1Page - Motorola, Inc MHW607-4 Datasheet HTML 2Page - Motorola, Inc MHW607-4 Datasheet HTML 3Page - Motorola, Inc MHW607-4 Datasheet HTML 4Page - Motorola, Inc MHW607-4 Datasheet HTML 5Page - Motorola, Inc MHW607-4 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MHW607–1 MHW607–2 MHW607–3 MHW607–4
2
MOTOROLA RF DEVICE DATA
1
PIN
NO.
C10
C4
L3
C5
R.F.
OUT
Z2
C7
L4
L2
5
4
3
6
2
C9
C6
C3
L1
C2
C8
Z1
C1
R.F.
IN
SIGNAL
GENERATOR
10 dB
ATTENUATOR
C1 — 0.018
mF Chip
C2, C3, C4, C5, C6, C7, C8 — 0.018
mF Chip
C9, C10 — 3.3
mF Tantalum
L1, L2, L3, L4 — 0.2
mH
Z1, Z2 — 50
W Microstrip
VCONTROL
+7.0 Vdc
@ 250 mA
(TYPICAL)
Vs1, Vs2
+7.5 Vdc
@ 145 mA
(TYPICAL)
Vs3
+7.5 Vdc
@ 1.75 A
(TYPICAL)
50
OHM
LOAD
Figure 1. Power Module Test
System Block Diagram
TYPICAL CHARACTERISTICS
f, FREQUENCY (MHz)
η
VCont
2
150
6
5
4
180
170
140
1
3
160
VSWR
50
45
40
1.2:1
1.1:1
1.0:1
Pin = 1 mW
Pout = 7 W
Vs1 = Vs2 = Vs3 = 7.5 Vdc
VCont, CONTROL VOLTAGE (Vdc)
Vs1 = Vs2 = Vs3 = 7.5 V
2
3
1
4
5
6
7
8
9
10
4
6
8
10
12
14
155
2
174
f = 146 MHz
Figure 2. Control Voltage, Efficiency and VSWR
versus Frequency
Figure 3. Output Power versus Control Voltage


Similar Part No. - MHW607-4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW6142 MOTOROLA-MHW6142 Datasheet
57Kb / 2P
   550 MHz CATV Amplifier
MHW6172 MOTOROLA-MHW6172 Datasheet
61Kb / 2P
   77-Channel(550 MHz) CATV Input/Output Trunk Amplifier
MHW6182 MOTOROLA-MHW6182 Datasheet
56Kb / 2P
   550 MHz CATV Amplifier
MHW6182-6 MOTOROLA-MHW6182-6 Datasheet
59Kb / 2P
   600 MHz CATV Amplifier Module
MHW6185-6A MOTOROLA-MHW6185-6A Datasheet
74Kb / 2P
   High Ouput Doubler 600 MHz CATV Amplifier Modules
More results

Similar Description - MHW607-4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CA901A NXP-CA901A Datasheet
236Kb / 4P
   The RF Line VHF/UHF CATV Amplifiers
CA901 NXP-CA901 Datasheet
236Kb / 4P
   The RF Line VHF/UHF CATV Amplifiers
logo
Motorola, Inc
TP2325 MOTOROLA-TP2325 Datasheet
81Kb / 3P
   The RF Line VHF Power Transistor
CA5800C MOTOROLA-CA5800C Datasheet
65Kb / 4P
   The RF Line Wideband Linear Amplifiers
CA4800C MOTOROLA-CA4800C Datasheet
71Kb / 4P
   The RF Line Wideband Linear Amplifiers
logo
Mitsubishi Electric Sem...
2SK2975 MITSUBISHI-2SK2975 Datasheet
29Kb / 3P
   RF POWER MOS FET(VHF/UHF power amplifiers)
2SK2974 MITSUBISHI-2SK2974 Datasheet
29Kb / 3P
   RF POWER MOS FET(VHF/UHF power amplifiers)
logo
New Jersey Semi-Conduct...
MRF486 NJSEMI-MRF486 Datasheet
101Kb / 2P
   The RF Line
MRF497 NJSEMI-MRF497 Datasheet
92Kb / 2P
   The RF Line
logo
Motorola, Inc
MRF331 MOTOROLA-MRF331 Datasheet
149Kb / 4P
   The RF Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com