Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAW250G-06G Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # SMAW250G-06G
Description  2.50mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

SMAW250G-06G Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  SMAW250G-06G Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.50mm (0.098")PITCHCONNECTOR
DIP
Right Angle
I/NO
TITLE
DESCRIPTION
MATERIAL
1
SMAW250-NNG
WAFER
2
Brass & Tin-Plated
PA66, UL94 V Grade
PIN
PARTS NO.
A
C
B
Material
SMAW250G Series
Wire-to-Board
Wafer
ITEM
SPEC
Contact Resistance
Current Rating
Operating Temperature
Voltage Rating
AC/DC 250V
30mΩ MAX
Withstanding Voltage
AC1000V/1min
Insulation Resistance
1000MΩ MIN
Applicable P.C.B
1.2~1.6mm
Applicable Wire
-
Applicable FPC/FFC
-
-
Solder Height
Crimp Tensile Strength
-
UL FILE NO
E108706
AC/DC 3A
-25℃~+85℃
Specification
Available Pin
SMAW250-15G
SMAW250-11G
SMAW250-14G
SMAW250-12G
SMAW250-13G
SMAW250-09G
SMAW250-10G
SMAW250-07G
SMAW250-08G
SMAW250-05G
SMAW250-06G
SMAW250-04G
SMAW250-03G
SMAW250-02G
20.00
18.40
35.00
40.00
37.50
25.00
27.50
22.50
30.00
32.50
33.40
38.40
35.90
20.90
23.40
25.90
30.90
28.40
7.50
15.00
17.50
12.50
10.00
5.90
13.40
15.90
10.90
8.40
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
A
2.5 (PITCH)
B
A
PCB
PIN
0.905
0.64
14.5
P=2.5 ±0.1
2.5
C
5.0
C ±0.1
Ø1.0
0.64
PCB ASS'Y
PCB LAYOUT


Similar Part No. - SMAW250G-06G

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
SMAW250 YEONHO-SMAW250 Datasheet
237Kb / 1P
   2.50mm PITCH CONNECTOR
SMAW250-02P YEONHO-SMAW250-02P Datasheet
237Kb / 1P
   2.50mm PITCH CONNECTOR
SMAW250-03P YEONHO-SMAW250-03P Datasheet
237Kb / 1P
   2.50mm PITCH CONNECTOR
SMAW250-04P YEONHO-SMAW250-04P Datasheet
237Kb / 1P
   2.50mm PITCH CONNECTOR
SMAW250-04V YEONHO-SMAW250-04V Datasheet
257Kb / 1P
   2.50mm PITCH CONNECTOR
More results

Similar Description - SMAW250G-06G

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
25045HP YEONHO-25045HP Datasheet
240Kb / 1P
   2.50mm PITCH CONNECTOR
25048HS YEONHO-25048HS Datasheet
231Kb / 1P
   2.50mm PITCH CONNECTOR
YH025 YEONHO-YH025 Datasheet
203Kb / 1P
   2.50mm PITCH CONNECTOR
SMH250 YEONHO-SMH250 Datasheet
211Kb / 1P
   2.50mm PITCH CONNECTOR
SMP250L YEONHO-SMP250L Datasheet
223Kb / 1P
   2.50mm PITCH CONNECTOR
SMAW250-NNV YEONHO-SMAW250-NNV Datasheet
257Kb / 1P
   2.50mm PITCH CONNECTOR
SMW250 YEONHO-SMW250 Datasheet
237Kb / 1P
   2.50mm PITCH CONNECTOR
BMH250-NNS YEONHO-BMH250-NNS Datasheet
405Kb / 1P
   2.50mm PITCH CONNECTOR
YST025 YEONHO-YST025 Datasheet
143Kb / 1P
   2.50mm PITCH CONNECTOR
SMW250-NNV YEONHO-SMW250-NNV Datasheet
250Kb / 1P
   2.50mm PITCH CONNECTOR
YMAW025 YEONHO-YMAW025 Datasheet
220Kb / 1P
   2.50mm PITCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com