Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1004 Datasheet(PDF) 7 Page - Mimix Broadband

Part # XB1004
Description  16.0-30.0 GHz GaAs MMIC Buffer Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1004 Datasheet(HTML) 7 Page - Mimix Broadband

Back Button XB1004 Datasheet HTML 2Page - Mimix Broadband XB1004 Datasheet HTML 3Page - Mimix Broadband XB1004 Datasheet HTML 4Page - Mimix Broadband XB1004 Datasheet HTML 5Page - Mimix Broadband XB1004 Datasheet HTML 6Page - Mimix Broadband XB1004 Datasheet HTML 7Page - Mimix Broadband XB1004 Datasheet HTML 8Page - Mimix Broadband XB1004 Datasheet HTML 9Page - Mimix Broadband XB1004 Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
16.0-30.0 GHz GaAs MMIC
Buffer Amplifier
Page 7 of 10
Mechanical Drawing
Bias Arrangement
Bypass Capacitors - See App Note [2]
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
(Note: Engineering designator is 22LN3UA0279)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All Bond Pads are 0.100 x 0.100 (0.004 x 0.004).
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 2.165 mg.
Bond Pad #1 (RF In)
Bond Pad #2 (Vd1)
Bond Pad #3 (Vd2)
Bond Pad #4 (RF Out)
Bond Pad #5 (Vg2c)
Bond Pad #6 (Vg2b)
Bond Pad #7 (Vg2a)
Bond Pad #8 (Vg1c)
Bond Pad #9 (Vg1b)
Bond Pad #10 (Vg1a)
B1004
RF In
Vd1,2
RF Out
Vg1c, Vg2c
April 2005 - Rev 01-Apr-05
1.760
(0.069)
0.798
(0.031)
2
1
3
4
5
6
7
8
9
10
1.500
(0.059)
0.0
0.0
1.359
(0.054)
1.958
(0.077)
1.560
(0.061)
1.158
(0.046)
0.958
(0.038)
2.330
(0.092)
0.798
(0.031)
1.290
(0.051)
1.892
(0.074)
2
1
3
4
5
6
7
8
9
10
Vd1,2
RF In
RF Out
Vg1,2


Similar Part No. - XB1004

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1004-BD MIMIX-XB1004-BD Datasheet
290Kb / 10P
   16.0-30.0 GHz GaAs MMIC Buffer Amplifier
logo
M/A-COM Technology Solu...
XB1004-BD MA-COM-XB1004-BD Datasheet
1Mb / 12P
   Buffer Amplifier
logo
Mimix Broadband
XB1004-BD-000V MIMIX-XB1004-BD-000V Datasheet
290Kb / 10P
   16.0-30.0 GHz GaAs MMIC Buffer Amplifier
XB1004-BD-000W MIMIX-XB1004-BD-000W Datasheet
290Kb / 10P
   16.0-30.0 GHz GaAs MMIC Buffer Amplifier
XB1004-BD-EV1 MIMIX-XB1004-BD-EV1 Datasheet
290Kb / 10P
   16.0-30.0 GHz GaAs MMIC Buffer Amplifier
More results

Similar Description - XB1004

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XB1004-BD MIMIX-XB1004-BD Datasheet
290Kb / 10P
   16.0-30.0 GHz GaAs MMIC Buffer Amplifier
XB1009-BD MIMIX-XB1009-BD Datasheet
273Kb / 7P
   14.0-30.0 GHz GaAs MMIC Buffer Amplifier
CMM3030-BD MIMIX-CMM3030-BD_10 Datasheet
1Mb / 8P
   30.0 kHz-30.0 GHz GaAs MMIC
XP1017 MIMIX-XP1017 Datasheet
251Kb / 6P
   30.0-36.0 GHz GaAs MMIC Power Amplifier
CMM2030-BD MIMIX-CMM2030-BD_10 Datasheet
1Mb / 8P
   30.0 kHz-30.0 GHz GaAs MMIC
XP1017-BD MIMIX-XP1017-BD Datasheet
595Kb / 6P
   30.0-36.0 GHz GaAs MMIC Power Amplifier
XP1008 MIMIX-XP1008 Datasheet
160Kb / 6P
   11.0-16.0 GHz GaAs MMIC Power Amplifier
XP1058-BD MIMIX-XP1058-BD Datasheet
1Mb / 12P
   14.5-16.0 GHz GaAs MMIC Power Amplifier
XP1057-BD MIMIX-XP1057-BD Datasheet
1Mb / 12P
   13.5-16.0 GHz GaAs MMIC Power Amplifier
XP1017-BD MIMIX-XP1017-BD_10 Datasheet
1Mb / 8P
   30.0-36.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com