Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1050YS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SD1050YS
Description  DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD1050YS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SD1050YS Datasheet HTML 1Page - Pan Jit International Inc. SD1050YS Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE 2
Part Number: SD1020YS - SD10100YS
RATING AND CHARACTERISTIC CURVES
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, C
O
.4
.5
.6
.7
.8
.9 1.0 1.1
50
0.1
Fig.3- TYPICAL REVERSE CHARACTERISTIC
20 40 60 80 100 120 140
10
1.0
0.10
0.01
.001
NUMBER OF CYCLE AT 60HZ
1000
10
0.1
1.0
10
100
Fig.4- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
1
10
100
240
200
160
120
80
40
0
10.0
8.0
4.0
0
10
1.0
.3
.2
100
Fig.5- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
RESISTIVE OR INDUCTIVE LOAD
T= 25 C
f = 1.0mHz
Vsig = 50mVp-p
J
O
T = 100 C
J
O
T= 75 C
J
O
T= 25 C
J
O
T= 25 C
f = 1.0mHz
Vsig = 50mVp-p
J
O
2.0
6.0
0
20
40
60
80
100
120
140
160
50-60V
20-40V
80 - 100 V
10000


Similar Part No. - SD1050YS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD1050YS PANJIT-SD1050YS Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SD1050YS-T3 WTE-SD1050YS-T3 Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SD1050YS

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB620DC TRSYS-SB620DC Datasheet
167Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SD620CS WTE-SD620CS Datasheet
45Kb / 3P
   6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020CS WTE-SD1020CS Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD320YS WTE-SD320YS Datasheet
45Kb / 3P
   3.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020S WTE-SD1020S Datasheet
44Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020YS WTE-SD1020YS Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD520YS WTE-SD520YS Datasheet
45Kb / 3P
   5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD520S WTE-SD520S Datasheet
43Kb / 3P
   5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD320S WTE-SD320S Datasheet
43Kb / 3P
   3.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com