Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP58C Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 3KP58C
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

3KP58C Datasheet(HTML) 2 Page - Pan Jit International Inc.

  3KP58C Datasheet HTML 1Page - Pan Jit International Inc. 3KP58C Datasheet HTML 2Page - Pan Jit International Inc. 3KP58C Datasheet HTML 3Page - Pan Jit International Inc. 3KP58C Datasheet HTML 4Page - Pan Jit International Inc. 3KP58C Datasheet HTML 5Page - Pan Jit International Inc. 3KP58C Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RATING AND CHARACTERISTIC CURVES 3KP SERIES
100
10
1.0
0.1
0.1
£gs
1.0
£gs
10
£gs
100
£gs
1.0ms
10ms
NON-REPETITIVE PULSE
WAVEFORM SHOWN IN
FIGURE 3 T
A = 25¢J
td, PULSE WIDTH, SEC
Fig. 1-PEAK PULSE POWER VS PULSE TIME
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE, ¢J
Fig. 2-DERATING CURVE
150
100
50
0
0
1.0
2.0
3.0
4.0
TA = 25¢J
Pulse Width(td) is Defined as the
Point Where the Peak Current
Decays to 50% of lpp
Peak Value Ippm
Half Value-Ipp
2
10/1000£gsec Waveform
as Defined by R.E.A.
e-kt
td
tf = 10
£gsec
t, TIME , ms
Fig. 3-PULSE WAVEFORM
20,000
10,000
1,000
100
10
1.0
2.0
10
20
100 200
400
TJ = 25¢J
f = 1.0MHz
Vsig = 50mVp-p
MEASURED AT
ZERO BIAS
MEASURED AT
STAND-OFF
VOLTAGE(V
MW)
V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS
Fig. 4-TYPICAL CAPACITANCE VS STAND-OFF
VOLTAGE
10.0
6.0
4.0
2.0
0
0
25
50
75
100
125
150
175
200
L = 375" (9.5mm)
20mm × 20mm × 1mm CU
(0.8" × 0.8" × 0.40")
TL, LEAD TEMPERATURE, ¢J
Fig. 5-STEADY STATE POWER DERATING
300
250
200
150
100
50
1
2
5
10
20
50
100
TJ = TJ max
8.3ms SINGLE HALF SINCE-WAVE JEDEC
METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 6-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT


Similar Part No. - 3KP58C

ManufacturerPart #DatasheetDescription
logo
Surge Components
3KP58C SURGE-3KP58C Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP58C WTE-3KP58C Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3KP58C FORMOSA-3KP58C Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
Won-Top Electronics
3KP58C WTE-3KP58C Datasheet
82Kb / 6P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
3KP58C CHENG-YI-3KP58C Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3KP58C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Formosa MS
3KP5.0 FORMOSA-3KP5.0 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
StarHope
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
Leshan Radio Company
SA5.0 LRC-SA5.0 Datasheet
189Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com