Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM50SKM38T Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTM50SKM38T
Description  Buck chopper MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50SKM38T Datasheet(HTML) 1 Page - Advanced Power Technology

  APTM50SKM38T Datasheet HTML 1Page - Advanced Power Technology APTM50SKM38T Datasheet HTML 2Page - Advanced Power Technology APTM50SKM38T Datasheet HTML 3Page - Advanced Power Technology APTM50SKM38T Datasheet HTML 4Page - Advanced Power Technology APTM50SKM38T Datasheet HTML 5Page - Advanced Power Technology APTM50SKM38T Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM50SKM38T
APT website – http://www.advancedpower.com
1 – 6
Q1
VBUS
OUT
NTC2
G1
0/VBUS
0/VBUS SENSE
NTC1
S1
VBUS
OUT
OUT
NTC2
NTC1
S1
0/VBUS
0/VBUS
SENSE
0/VBUS
SENSE
G1
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
500
V
Tc = 25°C
90
ID
Continuous Drain Current
Tc = 80°C
67
IDM
Pulsed Drain current
360
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
38
m
W
PD
Maximum Power Dissipation
Tc = 25°C
694
W
IAR
Avalanche current (repetitive and non repetitive)
46
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
2500
mJ
VDSS = 500V
RDSon = 38m
W max @ Tj = 25°C
ID = 90A @ Tc = 25°C
Application
·
AC and DC motor control
·
Switched Mode Power Supplies
Features
·
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
·
Kelvin source for easy drive
·
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
·
Internal thermistor for temperature monitoring
·
High level of integration
Benefits
·
Outstanding performance at high frequency operation
·
Direct mounting to heatsink (isolated package)
·
Low junction to case thermal resistance
·
Solderable terminals both for power and signal for
easy PCB mounting
·
Low profile
Buck chopper
MOSFET Power Module


Similar Part No. - APTM50SKM38T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM50SKM38TG MICROSEMI-APTM50SKM38TG Datasheet
287Kb / 6P
   Buck chopper MOSFET Power Module
More results

Similar Description - APTM50SKM38T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM50SKM35TG MICROSEMI-APTM50SKM35TG Datasheet
286Kb / 6P
   Buck Chopper MOSFET Power Module
APTM20SKM04G MICROSEMI-APTM20SKM04G Datasheet
275Kb / 7P
   Buck chopper MOSFET Power Module
APTM100SK18TG MICROSEMI-APTM100SK18TG Datasheet
285Kb / 6P
   Buck chopper MOSFET Power Module
APTM120SK29TG MICROSEMI-APTM120SK29TG Datasheet
285Kb / 6P
   Buck chopper MOSFET Power Module
APTM10SKM05TG MICROSEMI-APTM10SKM05TG Datasheet
280Kb / 6P
   Buck chopper MOSFET Power Module
APTM20SKM10TG MICROSEMI-APTM20SKM10TG Datasheet
287Kb / 6P
   Buck chopper MOSFET Power Module
APTM100SK33T1G MICROSEMI-APTM100SK33T1G Datasheet
151Kb / 5P
   Buck chopper MOSFET Power Module
APTM120SK56T1G MICROSEMI-APTM120SK56T1G Datasheet
152Kb / 5P
   Buck chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM100SK18T ADPOW-APTM100SK18T Datasheet
314Kb / 6P
   Buck chopper MOSFET Power Module
logo
Microsemi Corporation
APTM20SKM05G MICROSEMI-APTM20SKM05G Datasheet
276Kb / 6P
   Buck chopper MOSFET Power Module
logo
Advanced Power Technolo...
APTM50SKM19 ADPOW-APTM50SKM19 Datasheet
289Kb / 6P
   Buck chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com