Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB830DC Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SB830DC
Description  D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT - 8.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB830DC Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SB830DC Datasheet HTML 1Page - Pan Jit International Inc. SB830DC Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
Approve Sheet
Approve Sheet
Approve Sheet
Approve Sheet
Approve Sheet P
P
P
P
Par
ar
ar
ar
art N
t N
t N
t N
t Number
umber
umber
umber
umber: SB820DC~SB8
: SB820DC~SB8
: SB820DC~SB8
: SB820DC~SB8
: SB820DC~SB81
1
1
1
100DC
00DC
00DC
00DC
00DC
RATING AND CHARACTERISTIC CURVES
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, C
O
0
50
100
150
1.0
8.0
6.0
4.0
2.0
0
.4
.5
.6
.7
.8
.9
1.0
1.1
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
Fig.3- TYPICAL REVERSE CHARACTERISTIC
0
100
200
300
10
1.0
0.1
0.01
0.001
T = 100 C
C
O
T = 75 C
C
O
T = 25 C
C
O
Fig.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
1
2
5
10 20
50 100
400
350
300
250
200
150
0
200
500
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
NO. OF CYCLE AT 60HZ
80
70
60
50
40
30
20
10
0
1
2
5
10
20
50
100
80V~100V
50V~60V
20V~40V


Similar Part No. - SB830DC

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB830DC WTE-SB830DC Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB830DC PANJIT-SB830DC Datasheet
1Mb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SB830DC PANJIT-SB830DC Datasheet
128Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB830DC-T3 WTE-SB830DC-T3 Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB830DC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB820D PANJIT-SB820D Datasheet
56Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 8.0 Amperes)
SD820T PANJIT-SD820T Datasheet
43Kb / 2P
   SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 8.0 Amperes)
SB1620DC PANJIT-SB1620DC Datasheet
56Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 16.0 Amperes)
SB820 PANJIT-SB820_16 Datasheet
148Kb / 4P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840D PANJIT-MBR840D Datasheet
124Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840DC PANJIT-MBR840DC Datasheet
126Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820DC PANJIT-SB820DC_09 Datasheet
128Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840D PANJIT-MBR840D_12 Datasheet
125Kb / 5P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR820S RECTRON-SR820S Datasheet
24Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
logo
Pan Jit International I...
SB820DC PANJIT-SB820DC_16 Datasheet
128Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com