Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM50HM75SCT Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APTM50HM75SCT
Description  Full bridge Series & SiC parallel diodes MOSFET Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50HM75SCT Datasheet(HTML) 6 Page - Advanced Power Technology

  APTM50HM75SCT Datasheet HTML 1Page - Advanced Power Technology APTM50HM75SCT Datasheet HTML 2Page - Advanced Power Technology APTM50HM75SCT Datasheet HTML 3Page - Advanced Power Technology APTM50HM75SCT Datasheet HTML 4Page - Advanced Power Technology APTM50HM75SCT Datasheet HTML 5Page - Advanced Power Technology APTM50HM75SCT Datasheet HTML 6Page - Advanced Power Technology APTM50HM75SCT Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
APTM50HM75SCT
APT website – http://www.advancedpower.com
6 – 7
Delay Times vs Current
td(on)
td(off)
0
20
40
60
80
100
10
20
30
40
50
60
70
ID, Drain Current (A)
VDS=333V
RG=5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
10
20
30
40
50
60
70
ID, Drain Current (A)
VDS=333V
RG=5Ω
TJ=125°C
L=100µH
0
50
100
150
200
250
300
350
400
10
15
20
25
30
35
40
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=333V
D=50%
RG=5Ω
TJ=125°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Switching Energy vs Current
Eon
Eoff
0
0.4
0.8
1.2
1.6
2
10
20
30
40
50
60
70
ID, Drain Current (A)
VDS=333V
RG=5Ω
TJ=125°C
L=100µH
Eon
Eoff
0
0.5
1
1.5
2
2.5
3
3.5
4
0
1020304050
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=333V
ID=46A
TJ=125°C
L=100µH


Similar Part No. - APTM50HM75SCT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM50HM75SCTG MICROSEMI-APTM50HM75SCTG Datasheet
309Kb / 8P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
More results

Similar Description - APTM50HM75SCT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM100H45SCT ADPOW-APTM100H45SCT Datasheet
325Kb / 7P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50HM75SCTG MICROSEMI-APTM50HM75SCTG Datasheet
309Kb / 8P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM100H45SCTG MICROSEMI-APTM100H45SCTG Datasheet
300Kb / 8P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
APTC60HM70SCTG MICROSEMI-APTC60HM70SCTG Datasheet
318Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80H29SCT ADPOW-APTC80H29SCT Datasheet
319Kb / 7P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60HM45SCTG MICROSEMI-APTC60HM45SCTG Datasheet
244Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
APTC80H29SCTG MICROSEMI-APTC80H29SCTG Datasheet
313Kb / 7P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60HM70SCTG ADPOW-APTC60HM70SCTG Datasheet
343Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC90H12SCTG MICROSEMI-APTC90H12SCTG Datasheet
218Kb / 6P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
APTM100H45STG MICROSEMI-APTM100H45STG Datasheet
295Kb / 7P
   Full bridge Series & parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com