Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRR94NP-680MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDRR94NP-680MC
Description  Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRR94NP-680MC Datasheet(HTML) 3 Page - Sumida Corporation

  CDRR94NP-680MC Datasheet HTML 1Page - Sumida Corporation CDRR94NP-680MC Datasheet HTML 2Page - Sumida Corporation CDRR94NP-680MC Datasheet HTML 3Page - Sumida Corporation CDRR94NP-680MC Datasheet HTML 4Page - Sumida Corporation CDRR94NP-680MC Datasheet HTML 5Page - Sumida Corporation CDRR94NP-680MC Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
仕 様 書
CDRR94
2-3.電気的特性Ⅱ (箱梱包の場合)
NO.
部品番号
表 示
インダクタンス
[以内]
※1
D.C.R.
(mΩ)
[以下] ※2
(at 20℃)
直接重量飽
和電流(A)
※3
(at 20℃)
温度上昇
電流(A)
※4
△T=40℃
スミダ
コード
19
CDRR94NP-1R
ØMB
1R0
1.0μH ± 20%
15.3(12.2)
10.8
5.0
3790-0019
20
CDRR94NP-1R5MB
1R5
1.5μH ± 20%
16.9(13.5)
9.6
4.5
3790-0020
21
CDRR94NP-2R2MB
2R2
2.2μH ± 20%
27.5(22.0)
7.2
3.4
3790-0021
22
CDRR94NP-3R3MB
3R3
3.3μH ± 20%
38.8(31.0)
6.2
2.7
3790-0022
23
CDRR94NP-4R7MB
4R7
4.7μH ± 20%
50.6(40.5)
5.4
2.5
3790-0023
24
CDRR94NP-6R8MB
6R8
6.8μH ± 20%
70.6(56.5)
4.4
2.1
3790-0024
25
CDRR94NP-1
ØØMB
100
10 μH ± 20%
91.3(73.0)
3.0
1.9
3790-0025
26
CDRR94NP-12
ØMB
120
12 μH ± 20%
112.5(90)
3.2
1.6
3790-0026
27
CDRR94NP-15
ØMB
150
15 μH ± 20%
150.0(120)
2.8
1.3
3790-0027
28
CDRR94NP-18
ØMB
180
18 μH ± 20%
182.5(146)
2.6
1.2
3790-0028
29
CDRR94NP-22
ØMB
220
22 μH ± 20%
197.5(158)
2.4
1.1
3790-0029
30
CDRR94NP-27
ØMB
270
27 μH ± 20%
269.0(215)
2.1
0.95
3790-0030
31
CDRR94NP-33
ØMB
330
33 μH ± 20%
298.0(238)
1.9
0.90
3790-0031
32
CDRR94NP-39
ØMB
390
39 μH ± 20%
397.0(317)
1.7
0.75
3790-0032
33
CDRR94NP-47
ØMB
470
47 μH ± 20%
435.0(348)
1.6
0.70
3790-0033
34
CDRR94NP-68
ØMB
680
68 μH ± 20%
670.0(536)
1.3
0.55
3790-0034
35
CDRR94NP-82
ØMB
820
82 μH ± 20%
898.0(718)
1.2
0.45
3790-0035
36
CDRR94NP-1
Ø1MB
101
100μH ± 20%
1063.0(850)
1.0
0.40
3790-0036
※1 測定周波数
インダクタンス
at
100kHz。
※2 (
)は、標準値とする。
※3 直流重畳飽和電流:直流重畳飽和電流を流した時、インダクタンスが初期値より-10%となる電流値。
※4 温度上昇電流:通電時、コイルの温度上昇が△T=40℃になる電流の実力値。(Ta=20℃を基準とする。)
3.使用温度範囲: -40℃∼+100℃(コイルの発熱を含む。)
保存温度範囲: -40℃∼+100℃.


Similar Part No. - CDRR94NP-680MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRR94NP-680MC SUMIDA-CDRR94NP-680MC Datasheet
308Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRR94NP-680MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com